Electronic Components Datasheet Search
  English  ▼

X  

KSC323G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KSC323G
Description  Sealed Tact Switch for SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KSC323G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KSC323G Datasheet HTML 1Page - List of Unclassifed Manufacturers KSC323G Datasheet HTML 2Page - List of Unclassifed Manufacturers KSC323G Datasheet HTML 3Page - List of Unclassifed Manufacturers KSC323G Datasheet HTML 4Page - List of Unclassifed Manufacturers KSC323G Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-20
B
KSC Series
Sealed Tact Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Features/Benefits
• Positive tactile feel
• Range of 6 actuation forces
• J or G terminations
• Tape & reel
• IP 67
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
NOTE: Part numbers listed above do not represent all possible configurations.
For information on specific and custom switches, consult Customer Service Center.
1
) Tolerances of operating force FA is ± 25%.
* NOTE: KSC4 standard silicone material is 70 shore,
the only exception is KSC401J which is 50 shore.
Actuator
1 Without, 2,5 mm
2 Soft, 3,5 mm
3 Hard, 3,5 mm
4 Soft, 5,2 mm
6 Hard, 7,7 mm
K
S
C
Operating Force
0 1.2 N (120 grams)
1 1.4 N (140 grams)
2 1.6 N / 2.0 N *
(160 grams)/(200 grams)
4 3 N / 3.2 N *
(300 grams)/(320 grams)
5 5.5 N (550 grams)
Contact Material
1 Silver
3 Gold
Termination
J J bend
G Gull wing
V Right angle
(available in KSC421V version only)
Operating force FA1)
Operating life
Type
Newtons (grams)
(operations)
Travel
KSC121J
1.6 (160)
200,000
0,25+0,40/-0,0
KSC141J
3.0 (300)
200,000
0,30+0,40/-0,0
KSC151J
5.5 (550)
100,000
0,30+0,40/-0,0
KSC221J
2.0 (200)
500,000
0,35+0,30/-0,10
KSC241J
3.5 (350)
300,000
0,40+0,40-0,10
KSC321J
1.6 (160)
500,000
0,20+0,30/-0,0
KSC341J
3.0 (300)
300,000
0,20+0,30/-0,0
KSC351J
5.5 (550)
100,000
0,25+0,30-0,0
KSC401J*
1.1 (110)
5,000,000
0,50+0,25/-0,25
KSC411J*
1.4 (140)
1,000,000
0,35+0,2/-0,2
KSC421J*
1.7 (170)
1,000,000
0,50+0,25/-0,25
KSC441J*
3.2 (320)
300,000
0,75+0,25/-0,25
KSC621J
1.6 (160)
500,000
0,20+0,35
KSC641J
3.0 (300)
300,000
0,20+0,30
KSC421V
1.7 (170)
1,000,000
0,50+0,25/-0,25
Typical Applications
• Automotive
• Cellular phones
• Industrial electronics
• Computer & network industry
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 250 V
CONTACT RESISTANCE: < 100 m
Ω
INSULATION RESISTANCE (100 V): > 109
Ω
BOUNCE TIME: < 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Depending on the application, this component is
suited to the following methods:
- Terminals being Tin/Lead plated over a nickel barrier, the use of
slightly activated flux is suitable.
- Soldering on double wave machine. The bath temperature is
generally 225˚C±5˚C and soldering time < 5 sec.
- Cleaning according to typical washing processes.
- Infrared Reflow Soldering in accordance with CECC00802
Packaging
KSC1, KSC2 and KSC3 are delivered on continuous tape and reels
of 2,000 pieces, KSC4 in reels of 1,000 pieces. KSC 6 in reels of 750
pieces. Dimensions of reels according to EIA RS481 or IEC 2863.
External diameter 330 mm ± 2 mm.
* See Mechanical chart above to confirm specifications


Similar Part No. - KSC323G

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC323G50LFG CK-COMPONENTS-KSC323G50LFG Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
KSC323G50LFS CK-COMPONENTS-KSC323G50LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KSC323G50SHLFG ITT-KSC323G50SHLFG Datasheet
316Kb / 5P
Sealed Tact Switch for SMT
KSC323G50SHLFS ITT-KSC323G50SHLFS Datasheet
316Kb / 5P
Sealed Tact Switch for SMT
logo
C&K Components
KSC323G70LFG CK-COMPONENTS-KSC323G70LFG Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
More results

Similar Description - KSC323G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
KSC222J-LFS AD-KSC222J-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
logo
C&K Components
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
Sealed Tact Switch for SMT
logo
C&K Components
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
Sealed Tact Switch for SMT
KSC CK-COMPONENTS-KSC_V02 Datasheet
1Mb / 22P
Sealed Tact Switch for SMT
26 May 22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com