Electronic Components Datasheet Search
  English  ▼

X  

LM4510SDEV Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4510SDEV Datasheet HTML 7Page - Texas Instruments LM4510SDEV Datasheet HTML 8Page - Texas Instruments LM4510SDEV Datasheet HTML 9Page - Texas Instruments LM4510SDEV Datasheet HTML 10Page - Texas Instruments LM4510SDEV Datasheet HTML 11Page - Texas Instruments LM4510SDEV Datasheet HTML 12Page - Texas Instruments LM4510SDEV Datasheet HTML 13Page - Texas Instruments LM4510SDEV Datasheet HTML 14Page - Texas Instruments LM4510SDEV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
]
[
R
x
)
- 1
V
V
(
=
R
2
F
FB
O
F1
:
LM4510
www.ti.com
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
ON/OFF CONTROL
The LM4510 shuts down when the EN pin is low. In this mode the feedback resistors and the load are
disconnected from the input in order to avoid leakage current flow and to allow the output voltage to drop to 0V.
The LM4510 turns on when EN is high. There is an internal pull-down resistor on the EN pin so the device is in a
normally off state.
SHORT CIRCUIT PROTECTION
When VOUT goes down to VIN–0.7V (typ.), the device stops switching due to the short-circuit protection circuitry
and the short-circuit output current is limited to IINIT_CHARGE.
FEEDBACK FAULT PROTECTION
The LM4510 features unique Feedback Fault Protection to maximize safety when the feedback resistor is not
properly connected to a circuit or the feedback node is shorted directly to ground.
Feedback fault triggers VOUT monitoring. During monitoring, if VOUT reaches a protection level, the device shuts
down. When the feedback network is reconnected and VOUT is lower than the OFF threshold level of Feedback
Fault Protection, VOUT monitoring stops. VOUT is then regulated by the control loop.
INPUT UNDER-VOLTAGE LOCK-OUT
The LM4510 has dedicated circuitry to protect the IC and the external components when the battery voltage is
lower than the preset threshold. This under-voltage lock-out with hysteresis prevents malfunctions during startup
or abnormal power off.
THERMAL SHUTDOWN
If the die temperature exceeds 150°C (typ.), the thermal protection circuitry shuts down the device. The switches
remain off until the die temperature is reduced to approximately 140°C (typ.).
Application Information
ADJUSTING OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a resistor voltage divider (RF1, RF2) connected to the output
as shown in the Typical Application Circuit.
The ratio of the feedback resistors sets the output voltage.
RF2 Selection
First of all choose a value for RF2 generally between 10 kΩ and 25 kΩ.
RF1 Selection
Calculate RF1 using the following equation:
(1)
Table 1 gives suggested component values for several typical output voltages.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com