Electronic Components Datasheet Search
  English  ▼

X  

LM4510SDEV Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4510SDEV Datasheet HTML 8Page - Texas Instruments LM4510SDEV Datasheet HTML 9Page - Texas Instruments LM4510SDEV Datasheet HTML 10Page - Texas Instruments LM4510SDEV Datasheet HTML 11Page - Texas Instruments LM4510SDEV Datasheet HTML 12Page - Texas Instruments LM4510SDEV Datasheet HTML 13Page - Texas Instruments LM4510SDEV Datasheet HTML 14Page - Texas Instruments LM4510SDEV Datasheet HTML 15Page - Texas Instruments LM4510SDEV Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
]
A
[
f
L
2
D
V
+
D
¿
I
=
I
SW
IN
OUT
pk
_
L
K
x
x
x
]
A
[
2
I
+
I
=
I
L
AVE
_
L
pk
_
L
'
OUT
IN
OUT
V
V
V
=
D
-
x
],
A
[
f
L
D
V
=
I
SW
IN
L
'
x
],
x
OUT
IN
V
V
=
'
D
A
[
D
¿
I
=
I
OUT
AVE
_
L
K
IOUT_Max =
VOUT
1.32 x VIN - 2.79
[A]
LM4510
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
Table 1. Suggested Component Values for Different Output Voltages
Output Voltage (V)
RF2 (kΩ)
RF1 (kΩ)
RC (kΩ)
CC1 (nF)
16
20.5
240
46.4
2.2
12
20.5
174
46.4
2.2
5
20.5
60.4
46.4
2.2
3.3
20.5
33
46.4
2.2
MAXIMUM OUTPUT CURRENT
When the output voltage is set at different level, it is important to know the maximum load capability. By first
order estimation, IOUT(MAX) can be estimated by the following equation:
(2)
INDUCTOR SELECTION
The larger value inductor makes lower peak inductor current and reduces stress on internal power NMOS.
On the other hand, the smaller value inductor has smaller outline, lower DCR and a higher current capacity.
Generally a 4.7
μH to 15 μH inductor is recommended.
IL_AVE CHECK
The average inductor current is given by the following equation:
(3)
Where IOUT is output current, η is the converter efficiency of the total driven load and D’ is the off duty cycle of the
switching regulator.
Inductor DC current rating (40°C temperature rise) should be more than the average inductor current at worst
case.
ΔI Define
The inductor ripple current is given by the following equations:
(4)
Where D is the on-duty cycle of the switching regulator. A common choice is to set
ΔIL to about 30% of IL_AVE.
IL_PK≤ ICL Check & IMIN Define
The peak inductor current is given by the following equation:
(5)
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com