Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SA555
Description  Timing from microseconds to hours
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA555 Datasheet(HTML) 5 Page - Diodes Incorporated

  SA555 Datasheet HTML 1Page - Diodes Incorporated SA555 Datasheet HTML 2Page - Diodes Incorporated SA555 Datasheet HTML 3Page - Diodes Incorporated SA555 Datasheet HTML 4Page - Diodes Incorporated SA555 Datasheet HTML 5Page - Diodes Incorporated SA555 Datasheet HTML 6Page - Diodes Incorporated SA555 Datasheet HTML 7Page - Diodes Incorporated SA555 Datasheet HTML 8Page - Diodes Incorporated SA555 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
5 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Typical Performance Characteristics
12
7
70 100
40
20
10
4
I
- LOW LEVEL OUTPUT CURRENT (mA)
Low Level Output Voltage vs.
Low Level Output Current @ V
= 5V
OL
CC
0.1
0.04
0.01
0.02
0.07
1
0.4
0.2
0.7
10
4
2
7
T = 105°C
A
T = 25°C
A
T = -40°C
A
V
= 5V
CC
12
7
70 100
40
20
10
4
I
- LOW LEVEL OUTPUT CURRENT (mA)
Low Level Output Voltage vs.
Low Level Output Current @ V
= 10V
OL
CC
0.1
0.04
0.01
0.02
0.07
1
0.4
0.2
0.7
10
4
2
7
T = 105°C
A
T = 25°C
A
T = -40°C
A
V
= 10V
CC
12
7
70 100
40
20
10
4
I
- LOW LEVEL OUTPUT CURRENT (mA)
Low Level Output Voltage vs.
Low Level Output Current @ V
= 15V
OL
CC
0.1
0.04
0.01
0.02
0.07
1
0.4
0.2
0.7
10
4
2
7
T = 105°C
A
T = 25°C
A
T = -40°C
A
V
= 15V
CC
I
- HIGH LEVEL OUTPUT CURRENT (mA)
Drop Between Supply Voltage and Output vs.
High Level Output Current
OH
12
7
70 100
40
20
10
4
0.4
0
T = -40°C
A
0.2
0.6
1.4
0.8
1.2
2
1.8
1.6
1
V
= 5V to 15V
CC
T = 25°C
A
T = 105°C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com