Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # SA555
Description  Timing from microseconds to hours
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA555 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button SA555 Datasheet HTML 2Page - Diodes Incorporated SA555 Datasheet HTML 3Page - Diodes Incorporated SA555 Datasheet HTML 4Page - Diodes Incorporated SA555 Datasheet HTML 5Page - Diodes Incorporated SA555 Datasheet HTML 6Page - Diodes Incorporated SA555 Datasheet HTML 7Page - Diodes Incorporated SA555 Datasheet HTML 8Page - Diodes Incorporated SA555 Datasheet HTML 9Page - Diodes Incorporated SA555 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
6 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Typical Performance Characteristics (cont.)
5
6
7
9
14
15
13
12
11
10
8
14
12
10
8
6
4
0
2
V
- SUPPLY VOLTAGE (V)
Supply Current vs. Supply Voltage
CC
T = -40°C
A
Output Low, No Load
T = 25
A
°C
T = 105
A
°C
0
0.05
0.15
0.35
0.4
0.3
0.25
0.2
0.1
LOWEST LEVEL of TRIGGER PULSE -xV
Propagation Delay Time vs.
Lowest Voltage Level of Trigger Pulse
CC
1000
800
700
500
300
0
900
600
400
100
200
0.985
020
15
10
5
V
- SUPPLY VOLTAGE (V)
Normalized Output Pulse Duration
(Monostable Mode) vs. Supply Voltage
CC
0.99
0.995
1
1.005
1.01
1.015
-75
-50
0
100
125
75
50
25
-25
T - FREE AIR TEMPERATURE (°C)
Normalized Output Pulse Duration
(Monostable Mode) vs. Free-Air Temperature
A
1.015
1.01
1.005
1
0.995
0.99
0.0985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com