Electronic Components Datasheet Search
  English  ▼

X  

NCT06 Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCT06
Description  NEGATIVE TEMPERATURE COEFFICIENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCT06 Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCT06 Datasheet HTML 1Page - NIC-Components Corp. NCT06 Datasheet HTML 2Page - NIC-Components Corp. NCT06 Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Temp (°C)
R:1K
Ω
B:2750K
R:1K
Ω
B:3000K
R:1K
Ω
B:3200K
R:10K
Ω
B:3450K
R:10K
Ω
B:3700K
R:10K
Ω
B:3900K
R:10K
Ω
B:4100K
R:100K
Ω
B:4300K
R:100K
Ω
B:4500K
R:100K
Ω
B:4700K
-40
11,290
14,270
17,200
217,300
274,600
331,000
399,100
4,812,000
5,802,000
6,995,000
-35
9,012
11,130
13,180
162,800
201,100
238,200
282,000
3,339,000
3,954,000
4,682,000
-30
7,248
8,761
10,200
123,300
149,000
173,400
201,800
2,349,000
2,734,000
3,182,000
-25
5,872
6,953
7,959
94,240
111,600
127,700
146,200
1,674,000
1,916,000
2,193,000
-20
4,791
5,561
6,265
72,720
84,410
95,100
107,100
1,207,000
1,360,000
1,532,000
-15
3,935
4,481
4,972
56,620
64,470
71,530
79,370
880,600
977,100
1,084,000
-10
3,253
3,636
3,976
44,450
49,690
54,330
59,400
649,400
710,000
776,300
-5
2,705
2,971
3,202
35,170
38,630
41,640
44,890
483,900
521,600
562,200
0
2,262
2,443
2,597
28,040
30,280
32,200
34,240
364,000
387,100
411,600
5
1,902
2,020
2,120
22,520
23,920
25,100
26,340
276,400
290,100
304,400
10
1,608
1,681
1,742
18,210
19,040
19,730
20,440
211,800
219,400
227,400
15
1,366
1,406
1,440
14,820
15,260
15,620
15,990
163,600
167,500
171,400
20
1,166
1,183
1,197
12,140
12,310
12,450
12,600
127,400
128,900
130,400
25
1,000
1,000
1,000
10,000
10,000
10,000
10,000
100,000
100,000
100,000
30
861
850
840
8,286
8,172
8,082
7,993
79,050
78,180
77,320
35
745
725
709
6,903
6,718
6,573
6,432
62,930
61,580
60,250
40
647
622
602
5,782
5,554
5,378
5,208
50,440
48,840
47,300
45
564
535
513
4,867
4,617
4,426
4,243
40,680
39,000
37,390
50
494
463
439
4,116
3,858
3,663
3,477
33,020
31,350
29,760
55
434
402
378
3,498
3,240
3,047
2,866
26,950
25,350
23,840
60
382
350
326
2,986
2,734
2,548
2,375
22,130
20,620
19,220
65
338
306
283
2,560
2,318
2,141
1,978
18,270
16,880
15,590
70
300
269
246
2,203
1,974
1,808
1,656
15,160
13,880
12,720
75
267
237
215
1,904
1,688
1,533
1,392
12,650
11,480
10,430
80
238
209
188
1,652
1,450
1,306
1,177
10,600
9,548
8,601
85
213
185
166
1,439
1,251
1,118
999
8,927
7,978
7,130
90
192
165
146
1,258
1,083
960
852
7,552
6,698
5,940
95
172
147
129
1,103
941
828
729
6,417
5,649
4,972
100
156
132
115
971
821
717
627
5,476
4,785
4,182
105
141
118
102
858
718
623
541
4,692
4,072
3,533
110
128
106
92
760
631
544
469
4,037
3,479
2,998
115
116
96
82
675
556
476
407
3,486
2,984
2,554
120
106
87
74
602
492
418
355
3,022
2,570
2,186
125
97
79
66
538
436
368
311
2,630
2,222
1,877
Surface Mount NTC Thermistors
NCT Series
LAND PATTERN DIMENSIONS (mm)
A
B
C
Type
EIA Size
A
B
C
NCT04
0402
0.50
1.3
0.5
NCT06
0603
0.9
2.6
0.7
NCT08
0805
1.35
3.45
1.1
PEAK REFLOW
SOLDERING CONDITIONS
200°C
300°C
250°C
50°C
150°C
100°C
0°C
60 ~ 180 Sec.
20 ~ 40 Sec.
60 ~ 150 Sec.
260°C
217°C
R-T TABLES FOR 1K, 10K AND 100K OHM*
*R-T tables available for other resistance/beta values upon request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com