Electronic Components Datasheet Search
  English  ▼

X  

NCT06 Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCT06
Description  NEGATIVE TEMPERATURE COEFFICIENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCT06 Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCT06 Datasheet HTML 1Page - NIC-Components Corp. NCT06 Datasheet HTML 2Page - NIC-Components Corp. NCT06 Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
FEATURES
• NEGATIVE TEMPERATURE COEFFICIENT
• FAST RESPONSE TO TEMPERATURE VARIATIONS MAKE THEM
IDEALLY FOR TEMPERATURE SENSORS AND COMPENSATORS
• STANDARD EIA 0402, 0603 AND 0805 SIZES
• NICKEL BARRIER SOLDER PLATE TERMINATIONS
• TAPE AND REEL FOR AUTOMATIC MOUNTING
CHARACTERISTICS AND PERFORMANCE
DIMENSIONS (mm)
Series
NCT04
NCT06
NCT08
EIA Size
0402
0603
0805
Resistance Range (+25°C)
120
Ω ~ 820KΩ
82
Ω ~ 1.6MΩ
47
Ω ~ 470KΩ
Resistance Tolerance (+25°C)
1% (F), ±2% (G), ±3% (H), 5% (J), 10% (K)
Operating Temperature Range
-40°C ~ +125°C
Storage Temperature Range
-40°C ~ +125°C
Maximum Power Rating (JIS-C2570)*
110mW
120mW
130mW
Dissipation Factor
<1.5mW/°C (power to heat thermistor 1°C, measured at 25°C)
Thermal Time Constant
Within 5 seconds (time to change 63.2% from initial to stable)
Functional Beta Temperature Range
D = +25°C ~ +50°C
A = +25°C ~ +85°C
E = +25°C ~ +100°C
Beta Value Range
2410K ~ 4800K
Beta Value Tolerance
±1% (F), ±2% (G), ±3% (H), ±5% (J)
Resistance to Soldering Heat
+260°C ± 5°C for 10 ±1 seconds
High Temperature Stability
+125°C ± 3°C for 1,000 hours,
ΔR ±3%, ΔBeta ±2%
Low Temperature Stability
-40°C ± 3°C for 1,000 hours,
ΔR ±3%, ΔBeta ±2%
Humidity
+85°C ± 2°C, 85% ±5% RH for 1,000 hours,
ΔR ±3%, ΔBeta ±2%
Temperature Cycliing
100 cycles of -40°C ±3°C 30 min., +20°C 3 min., +125°C ±3°C 30 min., +20°C 30 min.
ΔR ±3%, ΔBeta ±2%
Series
EIA Size
L
W
T max.
P
NCT04
0402
1.0 ± 0.05
0.50 ± 0.05
0.40
0.25 +0.05/
-0.10
NCT06
0603
1.6 ± 0.15
0.80 ± 0.15
0.60
0.30 ± 0.20
NCT08
0805
2.0 ± 0.20
1.25 ± 0.20
0.65
0.40 ± 0.20
Surface Mount NTC Thermistors
NCT Series
Beta Value
NCT04 (0402) NCT06 (0603) NCT08 (0805) E-24 Standard
Values
4610 ~ 4800K
75K ~ 820K
47K ~ 1.6M
24K ~ 470K
1.0
1.3
1.8
2.4
3.3
4.3
5.6
7.5
1.1
1.5
2.0
2.7
3.6
4.7
6.2
8.2
1.2
1.6
2.2
3.0
3.9
5.1
6.8
9.1
4410 ~ 4600K
24K ~ 470K
15K ~ 910K
8.2K ~ 430K
4210 ~ 4400K
9.1K ~ 110K
6.2K ~ 200K
3K ~ 91K
4010 ~ 4200K
7.5K ~ 100K
4.7K ~ 200K
2.7K ~ 91K
3810 ~ 4000K
3.6K ~ 62K
2.4K ~ 110K
1.2K ~ 51K
3610 ~ 3800K
2K ~ 30K
1.2K ~ 56K
620 ~ 27K
3410 ~ 3600K
1.8K ~ 30K
1.1K ~ 56K
620 ~ 27K
3210 ~ 3400K
2.4K ~ 22K
1.5K ~ 43K
750 ~ 18K
3010 ~ 3200K
1.1K ~ 10K
390 ~ 10K
390 ~ 9.1K
2810 ~ 3000K
560 ~ 5.1K
360 ~ 10K
180 ~ 4.3K
2610 ~ 2800K
270 ~ 2.4K
160 ~ 4.7K
100 ~ 2K
2410 ~ 2600K
120 ~ 1.2K
82 ~ 2.2K
47 ~ 1K
STANDARD RESISTANCE VALUES (@25°C) AND BETA RANGE*
NCT06 D J 154 H 410 TR F
RoHS compliant
Packaging, TR: Tape and Reel
Beta Code (1st Three Characters of Beta Value)
Beta Value Tolerance: J=±5%, H=±3%, G=±2%, F=±1%
Resistance Value Code (E-24 Standard Values)
Resistance Value Tolerance: K+±10%, J=±5%, H=±3%, G=±2%, F=±1%
Temperature Characteristic (D=+25°C ~ +50°C, A=+25°C ~ +85°C, E+25°C ~ +100°C)
Series
PART NUMBER SYSTEM
*Beta can be ordered in increments of 10 (ex. 2610, 2620, 2630, etc.)
L
P
T
W
Termination Material
Ag -Pd Base Termination
Ni Barrier
100% Sn Finish
*JIS-C2570: Maximum power for continuous load at 25°C.
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NCT06

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCT06AF410TRF NIC-NCT06AF410TRF Datasheet
39Kb / 2P
Surface Mount NTC Thermistors
NCT06AG410TRF NIC-NCT06AG410TRF Datasheet
39Kb / 2P
Surface Mount NTC Thermistors
NCT06AH410TRF NIC-NCT06AH410TRF Datasheet
39Kb / 2P
Surface Mount NTC Thermistors
NCT06AJ410TRF NIC-NCT06AJ410TRF Datasheet
39Kb / 2P
Surface Mount NTC Thermistors
NCT06AK410TRF NIC-NCT06AK410TRF Datasheet
39Kb / 2P
Surface Mount NTC Thermistors
More results

Similar Description - NCT06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1458615 MACOM-1458615 Datasheet
122Kb / 3P
Negative Temperature Coefficient Chip Thermistors
NTC0805J10K MACOM-NTC0805J10K Datasheet
122Kb / 3P
Negative Temperature Coefficient Chip Thermistors
logo
jb Capacitors Company
JFP JBCAPACITORS-JFP Datasheet
271Kb / 1P
Temperature coefficient is negative and variety linear over the operation temperature
logo
Murata Manufacturing Co...
GRM0332C1E6R2DA01 MURATA-GRM0332C1E6R2DA01 Datasheet
43Kb / 1P
Temperature coefficient
GRM0332C1E6R2WA01 MURATA-GRM0332C1E6R2WA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R3BA01 MURATA-GRM0332C1E6R3BA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R4WA01 MURATA-GRM0332C1E6R4WA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R5CA01 MURATA-GRM0332C1E6R5CA01 Datasheet
49Kb / 1P
Temperature coefficient
GRM0332C1E6R5DA01 MURATA-GRM0332C1E6R5DA01 Datasheet
49Kb / 1P
Temperature coefficient
logo
Shanghai Yint Electroni...
MF72 YINT-MF72 Datasheet
836Kb / 8P
MF72 power direct heat type negative temperature coefficient thermistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com