Electronic Components Datasheet Search
  English  ▼

X  

PC302 Datasheet(PDF) 1 Page - Picker Components

Part # PC302
Description  Microminiature 1 Amp Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC302 Datasheet(HTML) 1 Page - Picker Components

  PC302_14 Datasheet HTML 1Page - Picker Components PC302_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microminiature 1 Amp Signal Relay
FEATURES
Microminiature design
DIL Package for PC board or socket
Meets FCC part 68 voltage surge
Low 5mm profile
Bifurcated contacts for high sensitivity
Single and dual coil latching available
PC302
Rated Load
Max. Continuous Current
2 Amp
2 Form C
UL/CSA RATINGS
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PC302 Rev C 7-9-09
PAGE 1
Sealed, immersion cleanable
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgPd + Au (Silver Palladium + Gold Plate)
2 X 10
5
1 X 10
8
Operations
Operations
DPDT (bifurcated contacts)
Contact Form
Max. Operating Voltage
250 VAC, 220 VDC
0.5 A at 125 VAC, 2A at 30 VDC
Minimum Permissible Load
10 micro A, 10 mVDC
50 mOhm max @ 1mA, 20mV, 1KHz, meets DIN 4160 part 4
COIL DATA
ORDERING INFORMATION
Example:
PC302
Model
-12
Type of Operation
Nil: Single Side Stable
-L1
Coil Voltage
L1: Single Coil Latching
L2: Dual Coil Latching
File # E86876
Type
Resistance
Must Operate
Voltage Max.
(VDC)
Release Voltage
Or
Reset Voltage
Coil
Voltage
Maximum
Voltage
Coil Power
Consumption
mW
Single
Side
Stable
.140 W
3
5
6
9
12
24
3
5
6
9
12
24
3
5
6
9
12
24
2.25
3.75
4.50
6.75
9.00
18.0
6.0
10
12
19
48
40.8
5.7
9.5
11.4
17.1
22.8
45.6
4.5
7.5
9.0
13.5
18.0
36.0
140
140
140
140
140
200
100
100
100
100
100
150
200
200
200
200
200
300
0.3
0.5
0.6
0.9
1.2
2.4
-2.25
-3.75
-4.5
-6.75
-9.00
-18.0
Single
Coil
Latching
.100 W
Dual
Coil
Latching
.200 W
ohms + 10%
64.3
178
257
579
1028
2880
90
250
360
810
1440
3840
45
125
180
405
720
1290
2.25
3.75
4.50
6.75
9.00
18.0
2.25
3.75
4.50
6.75
9.00
18.0
2.25
3.75
4.50
6.75
9.00
18.0
Nil: Not Rohs, -X: RoHS Compliant
RoHS Compliant
-X


Similar Part No. - PC302_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC302 PICKER-PC302_17 Datasheet
688Kb / 2P
Microminiature 1 Amp Signal Relay
More results

Similar Description - PC302_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC302S PICKER-PC302S Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
PC303 PICKER-PC303 Datasheet
99Kb / 2P
Microminiature Signal Relay
PC303S PICKER-PC303S Datasheet
145Kb / 2P
Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
Microminiature Surface Mount Signal Relay
PC303 PICKER-PC303_14 Datasheet
163Kb / 2P
Microminiature Signal Relay
PC304 PICKER-PC304 Datasheet
116Kb / 2P
Microminiature Signal Relay
PC304S PICKER-PC304S Datasheet
127Kb / 2P
Microminiature Surface Mount Signal Relay
PC302 PICKER-PC302_17 Datasheet
688Kb / 2P
Microminiature 1 Amp Signal Relay
PC302S PICKER-PC302S_17 Datasheet
556Kb / 3P
Microminiature 1 Amp Signal Relay
PC307 PICKER-PC307_17 Datasheet
1Mb / 2P
Ultraminiature 1 Amp PCB Signal Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com