Electronic Components Datasheet Search
  English  ▼

X  

PC302 Datasheet(PDF) 2 Page - Picker Components

Part # PC302
Description  Microminiature 1 Amp Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC302 Datasheet(HTML) 2 Page - Picker Components

  PC302_14 Datasheet HTML 1Page - Picker Components PC302_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type
Single Side stable
Latching, L1 & L2
Operate Time
Set Time
Release Time
Reset Time
Insulation Resistance
Dielectric Strength
Surge Strength
Capacitance
Shock Resistance
Vibration Resistance
Allowable Max. Power
Ambient Temperature
Power Consumption
Weight
2 ms at nominal coil voltage
N/A
N/A
2 ms at nominal coil voltage
1 ms average
N/A
N/A
2 ms at nominal coil voltage.
1000 Mmegohms min. at 500 VDC, 50% RH
1000 V rms, 1 min. between coil and contacts and between adjacent parts
500 V rms, 1 min. between open contacts
1500 V, between coil and contacts (FCC Part 68)
0.4 pf max. between contacts; 0.2 pf max. between adjacent poles; 0.9 pf max. between coil and contacts
50 g, 11 ms.
10 - 55 Hz; 3mm DA
0.4 W
Consumption at 20 C
-40 degrees C to 70 degrees C
-40degrees C to 70 degrees C
0.14 to 0.2 W
0.1 to 0.3 W
5 grams approx.
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
PC302
PC302
Dimensions in Inches (millimeters)
Drawings are 2X actual size
CHARACTERISTICS
+
-
1 2 3 4 5
6
7
8
9
10
+
-
1 2 3 4 5
6
7
8
9
10
+
+
1 2 3 4 5
6
7
8
9
10
-
-
(14.0)
.551
(5.0)
.197
(3.5)
.138
(9.0)
.354
(7.62)
.300
(2.54)
.100 TYP.
0.1 (2.54) Grid Pattern
10 Holes .032 (0.81)
Index Mark on top of relay
indicates position of pins 1 & 10
Single Side Stable
Single Coil Latching
Dual Coil Latching
On single coil latching set polarity shown
Set Coil
Reset Coil
Pin Functions Bottom Views Shown



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com