Electronic Components Datasheet Search
  English  ▼

X  

DO-15 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # DO-15
Description  DO-15 Axial Plastic Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

DO-15 Datasheet(HTML) 3 Page - Continental Device India Limited

  DO-15 Datasheet HTML 1Page - Continental Device India Limited DO-15 Datasheet HTML 2Page - Continental Device India Limited DO-15 Datasheet HTML 3Page - Continental Device India Limited DO-15 Datasheet HTML 4Page - Continental Device India Limited DO-15 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DO-15 Package and Packaging
DIM
Min
Max
A
50
54
1. 300 mm (Min) leader tape on every roll.
B
48
52
C
5.5
6.5
2. No. of empty places allowed 0.25% without consecutive empty places.
D
1.5R
E
4.5
5.5
3. Ends of leads shall normally not protrude beyond the tapes.
F
1
4. Components shall be held sufficiently in the tape or tapes so that
they can not come free in normal handling.
DO15_Pkg_Drawing Rev011005
All Dimensions are in mm
TAPE SPECIFICATIONS
DO-15 52 mm Tape
AXIAL TAPE FOR DO-15
Continental Device India Limited
Data Sheet
Page
3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com