Electronic Components Datasheet Search
  English  ▼

X  

DO-15 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # DO-15
Description  DO-15 Axial Plastic Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

DO-15 Datasheet(HTML) 4 Page - Continental Device India Limited

  DO-15 Datasheet HTML 1Page - Continental Device India Limited DO-15 Datasheet HTML 2Page - Continental Device India Limited DO-15 Datasheet HTML 3Page - Continental Device India Limited DO-15 Datasheet HTML 4Page - Continental Device India Limited DO-15 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DO-15 Package and Packaging
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight Qty Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
DO-15
T&A
3
3K
26x85x15
1.33
27K
46x33x25
12.8
T & A: Tape and Ammo Pack
DO15_Pkg_Drawing Rev011005
AMMO PACKING FOR DO-15
All Dimensions are in mm
Inner Carton
Outer Carton
Continental Device India Limited
Data Sheet
Page
4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com