Electronic Components Datasheet Search
  English  ▼

X  

DCP69 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCP69
Description  20V PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCP69 Datasheet(HTML) 1 Page - Diodes Incorporated

  DCP69 Datasheet HTML 1Page - Diodes Incorporated DCP69 Datasheet HTML 2Page - Diodes Incorporated DCP69 Datasheet HTML 3Page - Diodes Incorporated DCP69 Datasheet HTML 4Page - Diodes Incorporated DCP69 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DCP69/-16/-25
Document number: DS30798 Rev. 7 - 2
1 of 5
www.diodes.com
April 2012
© Diodes Incorporated
DCP69/-16/-25
20V PNP SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Type Available (DCP68)
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Medium Power Switching or Amplification Applications
•
Totally Lead-Free & Fully RoHS compliant (Note 1)
•
Halogen and Antimony Free. “Green” Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT223
•
Case Material: Molded Plastic, "Green Molding” Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish - Matte Tin
•
Solderable per MIL-STD -202, Method 208
•
Weight: 0.112 grams (approximate)
Ordering Information (Note 3)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DCP69-13
P12
13
12
2500
DCP69-16-13
P12-16
13
12
2500
DCP69-25-13
P12-25
13
12
2500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Device Schematic
Top View
Pin Out Configuration
xxx = Product Type Marking Code
P12 = DCP69
P12-16 = DCP69-16
P12-25 = DCP69-25
= Manufacturer’s code marking
YWW = Date Code Marking
Y = Last digit of year (ex: 1 = 2011)
WW = Week code (01 – 53)
xxx
YWW
C
E
B
SOT223


Similar Part No. - DCP69

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCP69-13 DIODES-DCP69-13 Datasheet
132Kb / 5P
20V PNP SURFACE MOUNT TRANSISTOR
Rev 7
DCP69-16-13 DIODES-DCP69-16-13 Datasheet
132Kb / 5P
20V PNP SURFACE MOUNT TRANSISTOR
Rev 7
DCP69-25-13 DIODES-DCP69-25-13 Datasheet
132Kb / 5P
20V PNP SURFACE MOUNT TRANSISTOR
Rev 7
DCP69A DIODES-DCP69A Datasheet
185Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31102 Rev. 6 - 3
DCP69A-13 DIODES-DCP69A-13 Datasheet
208Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 6
More results

Similar Description - DCP69

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
DS31619 Rev. 2 - 2
DSS5320T DIODES-DSS5320T Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DS31620 Rev. 2 - 2
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
PNP Transistor Surface Mount
logo
Diodes Incorporated
DSS5320T DIODES-DSS5320T_15 Datasheet
127Kb / 5P
20V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Rev 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 2
DCP69 DIODES-DCP69_15 Datasheet
132Kb / 5P
20V PNP SURFACE MOUNT TRANSISTOR
Rev 7
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
PNP SURFACE MOUNT TRANSISTOR
Rev 5
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
PNP SURFACE MOUNT TRANSISTOR
Rev 3
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com