Electronic Components Datasheet Search
  English  ▼

X  

LM3485EVAL Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3485EVAL
Description  LM3485 Hysteretic PFET Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3485EVAL Datasheet(HTML) 3 Page - Texas Instruments

  LM3485EVAL Datasheet HTML 1Page - Texas Instruments LM3485EVAL Datasheet HTML 2Page - Texas Instruments LM3485EVAL Datasheet HTML 3Page - Texas Instruments LM3485EVAL Datasheet HTML 4Page - Texas Instruments LM3485EVAL Datasheet HTML 5Page - Texas Instruments LM3485EVAL Datasheet HTML 6Page - Texas Instruments LM3485EVAL Datasheet HTML 7Page - Texas Instruments LM3485EVAL Datasheet HTML 8Page - Texas Instruments LM3485EVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM3485
www.ti.com
SNVS178F – MAY 2004 – REVISED SEPTEMBER 2009
Electrical Characteristics
Specifications in Standard type face are for TJ = 25°C, and in bold type face apply over the full Operating Temperature
Range (TJ = −40°C to +125°C). Unless otherwise specified, VIN = 12V, VISNS = VIN − 1V, and VADJ = VIN − 1.1V. Datasheet
min/max specification limits are guaranteed by design, test, or statistical analysis.
Min
Typ
Max
Symbol
Parameter
Conditions
Unit
(1)
(2)
(1)
IQ
Quiescent Current at ground
FB = 1.5V
250
400
µA
pin
(Not Switching)
VFB
Feedback Voltage
1.226
1.242
1.258
V
(3)
1.217
1.267
VHYST
Comparator Hysteresis
10
15
mV
14
20
VCL
(4)
Current limit comparator trip
RADJ = 20kΩ
110
mV
voltage
RADJ = 160kΩ
880
VCL_OFFSET
Current limit comparator
VFB = 1.5V
−20
0
+20
mV
offset
ICL_ADJ
Current limit ADJ current
VFB = 1.5V
3.0
5.5
7.0
µA
source
TCL
Current limit one shot off
VADJ = 11.5V
6
9
14
µs
time
VISNS = 11.0V
VFB = 1.0V
RPGATE
Driver resistance
Source
5.5
Ω
ISOURCE = 100mA
Sink
8.5
ISink = 100mA
IPGATE
Driver Output current
Source
0.44
A
VIN = 7V,
PGATE = 3.5V
Sink
0.32
VIN = 7V,
PGATE = 3.5V
IFB
FB pin Bias Current
VFB = 1.0V
300
750
nA
(5)
TONMIN_NOR
Minimum on time in normal
VISNS = VADJ+0.1V Cload on
100
ns
operation
OUT = 1000pF
(6)
TONMIN_CL
Minimum on time in current
VISNS = VADJ+0.1V
175
ns
limit
VFB = 1.0V Cload on OUT =
1000pF
(6)
%VFB/ΔVIN
Feedback Voltage Line
4.5
≤ VIN ≤ 35V
0.010
%/V
Regulation
(1)
All limits are guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room
temperature limits are 100% tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
The VFB is the trip voltage at the FB pin when PGATE switches from high to low.
(4)
VCL = ICL_ADJ * RADJ
(5)
Bias current flows out from the FB pin.
(6)
A 1000pF capacitor is connected between VIN and PGATE.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com