Electronic Components Datasheet Search
  English  ▼

X  

BU207 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BU207
Description  NPN POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BU207 Datasheet(HTML) 2 Page - Continental Device India Limited

  BU207 Datasheet HTML 1Page - Continental Device India Limited BU207 Datasheet HTML 2Page - Continental Device India Limited BU207 Datasheet HTML 3Page - Continental Device India Limited BU207 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN POWER TRANSISTORS
BU207
BU208
TO 3
Metal Can Package
DESCRIPTION
SYMBOL TEST CONDITION
207
208
UNITS
Transition Frequency
IC=0.1A, VCE=5V
f=1MHz
SWITCHING TIME
Fall Time
IC=4.5A, IB=1.8A, LB=10µH
f=1kHz
(1) Pulse test : Pulse Width =5ms, Duty Cycle < 10%
*Pulse Test: Pulse Width =300
µµs, Duty Cycle <2%
fT
4.0 (Typ)
MHz
0.6 (Typ)
µs
tf
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com