Electronic Components Datasheet Search
  English  ▼

X  

BU207 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BU207
Description  NPN POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BU207 Datasheet(HTML) 1 Page - Continental Device India Limited

  BU207 Datasheet HTML 1Page - Continental Device India Limited BU207 Datasheet HTML 2Page - Continental Device India Limited BU207 Datasheet HTML 3Page - Continental Device India Limited BU207 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN POWER TRANSISTORS
BU207
BU208
TO 3
Metal Can Package
HORIZONTAL DEFLECTION CIRCUITS IN COLOUR TV RECEIVER APPLICATIONS
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
207
208
UNITS
Collector Emitter Voltage (VBE= 0)
<1300
<1500
V
Collector Emitter voltage (Open Base)
<600
<700
V
Collector Base Voltage
600
300
V
Emitter Base Voltage
V
Collector Current
A
Collector Current (Peak) (1)
A
Base Current (Peak) (1)
A
Total Power Dissipation upto Tc=95ºC
W
Derate Above 95ºC
W/ºC
Junction Temperature
ºC
Storage Temperature
ºC
THERMAL RESISTANCE
Junction to Case
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
207
208
UNITS
Collector Cutoff Current
ICES
VBE=0, VCE=1300V
<1.0
mA
ICES
VBE=0, VCE=1500V
<1.0
mA
Breakdown Voltages
VCEO(sus)*
IC=100mA,IB=0
>600
>700
V
VCES
IC=1mA,VBE=0
>1300
>1500
V
VEBO
IE=10mA, IC=0
V
Saturation Voltages
VCE(Sat) *
IC=4.5A,IB=2A
V
VBE(Sat) *
IC=4.5A,IB=2A
V
DC Current Gain
hFE*
IC=4.5A,VCE=5V
Output Capacitance
Co
VCB=10V, IE=0, f=0.1MHz
pF
>2.25
125 (Typ)
>5
<5
<1.5
<1.25
<0.625
<200
<5
<5
<7.5
<4
Tstg
Rth(j-c)
-65 To +200
1.6
IBM
Ptot
Tj
SYMBOL
VCES
VCEO
VCBO
VEBO
IC
ICM
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BU207

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU207 MOSPEC-BU207 Datasheet
117Kb / 3P
POWER TRANSISTORS(5.0A,1300-1500V,55W)
logo
Seme LAB
BU207 SEME-LAB-BU207 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BU207 ISC-BU207 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BU207 NJSEMI-BU207 Datasheet
157Kb / 3P
HORIZONTAL DEFLECTION TRANSISTOR
More results

Similar Description - BU207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
NPN power transistors
1998 May 29
logo
Continental Device Indi...
BUF508F CDIL-BUF508F Datasheet
40Kb / 3P
NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D42C ETC1-D42C Datasheet
312Kb / 4P
NPN POWER TRANSISTORS
logo
Unisonic Technologies
BD139 UTC-BD139 Datasheet
84Kb / 2P
NPN POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508F TEL-BU508F Datasheet
59Kb / 2P
NPN POWER TRANSISTORS
logo
STMicroelectronics
BD241A STMICROELECTRONICS-BD241A_07 Datasheet
258Kb / 9P
NPN power transistors
10-Jul-2007
logo
New Jersey Semi-Conduct...
2N4115 NJSEMI-2N4115 Datasheet
143Kb / 1P
NPN POWER TRANSISTORS
2N4915 NJSEMI-2N4915 Datasheet
134Kb / 1P
NPN POWER TRANSISTORS
2N5329 NJSEMI-2N5329 Datasheet
179Kb / 1P
NPN POWER TRANSISTORS
DT44TD NJSEMI-DT44TD Datasheet
169Kb / 2P
NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com