Electronic Components Datasheet Search
  English  ▼

X  

BSX62 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BSX62
Description  NPN SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSX62 Datasheet(HTML) 2 Page - Continental Device India Limited

  BSX62 Datasheet HTML 1Page - Continental Device India Limited BSX62 Datasheet HTML 2Page - Continental Device India Limited BSX62 Datasheet HTML 3Page - Continental Device India Limited BSX62 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR TRANSISTOR
BSX62, BSX63
TO-39
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
BSX63-10
BSX63-16
MIN MAX MIN MAX MIN MAX
DC Current Gain
hFE*IC=0.1A,VCE=1V
30
30
30
IC=1.0A,VCE=1V
40
100
63
160
100
250
IC=2.0A,VCE=5V
25
25
25
CHARACTERISTICS
SYMBOL TEST CONDITION
UNITS
MIN
MAX
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=200mA, VCE=10V
30
MHz
Collector Base Capacitance
Ccbo
VCB=10V, IE=0
70
pF
*Pulse Test: Pulse Width <200
µs, Duty Cycle <1.0%
BSX62-6
BSX62-16
BSX62-10
BSX63-6
ALL TYPES
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com