Electronic Components Datasheet Search
  English  ▼

X  

BSX62 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BSX62
Description  NPN SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSX62 Datasheet(HTML) 1 Page - Continental Device India Limited

  BSX62 Datasheet HTML 1Page - Continental Device India Limited BSX62 Datasheet HTML 2Page - Continental Device India Limited BSX62 Datasheet HTML 3Page - Continental Device India Limited BSX62 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTOR
BSX62, BSX63
TO-39
Metal Can Package
NPN SILICON PLANAR TRANSISTORS IN TO-39 PACKAGE.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BSX62
BSX63
UNITS
Collector Emitter Voltage
VCEO
40
60
V
Collector Emitter Voltage
VCES
60
80
V
Emitter Base Voltage
VEBO
55
V
Collector Current Continuous
IC
3.0
A
Base Current
IB
500
mA
Total Power Dissipation @ Ta=25ºC
Ptot
5.0
W
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
200
K/W
Junction to Case
Rth(j-c)
35
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
MIN MAX MIN MAX
Collector Emitter Breakdown Voltage BVCEO*IC=100mA,IB=0
40
60
V
Collector Base Breakdown Voltage
BVCBO IC=100µA,IE=0
60
60
V
Emitter Base Breakdown Voltage
BVEBO IE=10µA,IC=0
5.0
5.0
V
Collector Cut off Current
ICES
VCE=40V,VBE =0V
0.1
µA
VCE=40V,VBE =0V
100
µA
Ta=150ºC
Collector Cut off Current
ICES
VCE=60V,VBE =0
0.1
µA
VCE=60V,VBE =0
100
µA
Ta=150ºC
µA
Collector Emitter Saturation Voltage VCE(Sat) *IC=2A,IB=.2A
0.8
0.8
V
IC=1A,IB=.1A
0.7
0.7
V
Base Emitter Saturation Voltage
VBE(Sat) *IC=2A,IB=.2A
1.3
1.3
V
IC=1A,IB=.1A
1.2
1.2
V
Base Emitter Voltage
VBE(on) IC=.1A, VCE=1V
1.0
1.0
V
IC=1.0A, VCE=1V
1.2
1.2
V
IC=2.0A, VCE=5V
1.3
1.3
V
BSX63
BSX62
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BSX62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSX62 PHILIPS-BSX62 Datasheet
51Kb / 8P
NPN switching transistors
1997 Jun 19
logo
Siemens Semiconductor G...
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BSX62 CENTRAL-BSX62 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BSX62 SEME-LAB-BSX62 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
Central Semiconductor C...
BSX62 CENTRAL-BSX62 Datasheet
136Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - BSX62

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com