Electronic Components Datasheet Search
  English  ▼

X  

BSX45 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BSX45
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSX45 Datasheet(HTML) 2 Page - Continental Device India Limited

  BSX45 Datasheet HTML 1Page - Continental Device India Limited BSX45 Datasheet HTML 2Page - Continental Device India Limited BSX45 Datasheet HTML 3Page - Continental Device India Limited BSX45 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
BSX45
BSX46
BSX47
TO-39
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
VALUE
UNITS
DC Current Gain
hFE
IC=0.1mA,VCE=1V
Group -6
>10
Group -10
>15
Group -16
>25
hFE
IC=100mA,VCE=1V*
Group -6
40 to 100
Group -10
63 to 160
Group -16
100 to 250
hFE
IC=500mA,VCE=1V*
Group -6
>15
Group -10
>25
Group -16
>35
Base Emitter on Voltage
VBE(on)*
IC=100mA, VCE=1V
<1.0
V
IC=500mA, VCE=1V
0.75 to 1.5
V
IC=1A, VCE=1V
<2.0
V
Collector Emitter Saturation Voltage
VCE(sat )* IC=1A, IB=0.1A
<1.0
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=50mA, VCE=10V
>50
MHz
f=20MHz
Emitter Base Capacitance
Cib
VBE =0.5V, f=1MHz
<80
pF
Output Capacitance
Cob
VCB=10V, f=1MHz
BSX45
<25
pF
BSX46
<20
pF
BSX47
<15
pF
Turn on time
ton
IC=100mA, IB1=-IB2=
<200
ns
Turn off time
toff
5mA
<850
ns
*Pulse Test: Pulse Duration =300
µµs, Duty Cycle =1%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com