Electronic Components Datasheet Search
  English  ▼

X  

BSX45 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BSX45
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSX45 Datasheet(HTML) 1 Page - Continental Device India Limited

  BSX45 Datasheet HTML 1Page - Continental Device India Limited BSX45 Datasheet HTML 2Page - Continental Device India Limited BSX45 Datasheet HTML 3Page - Continental Device India Limited BSX45 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
BSX45
BSX46
BSX47
TO-39
Metal Can Package
AMPLIFIER TRANSISTORS
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BSX45
BSX46
BSX47
UNITS
Collector Emitter Voltage
VCEO
40
60
80
V
Collector Emitter Voltage
VCES
80
100
120
V
Emitter Base Voltage
VEBO
7.0
V
Collector Current Continuous
IC
1.0
A
Power Dissipation @ Ta=25º C
PD
1.0
W
Derate Above 25º C
5.71
mW/ ºC
Power Dissipation@ Tc=25º C
PD
5.0
W
Derate Above 25º C
28.6
mW/ ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
200
ºC/W
Junction to Case
Rth(j-c)
35
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
BSX45
BSX46
BSX47
UNITS
Collector Emitter Voltage
VCEO*
IC=30mA,IB=0
>40
>60
>80
V
VCES
IC=100µA,VBE=0
>80
>100
>120
V
Emitter Base Voltage
VEBO
IE=100µA, IC =0
>7.0
V
Collector Cut off Current
ICES
VCE=60V,VBE=0
<10
<10
n
Α
VCE=80V,VBE=0
<10
n
Α
ICES
Tc =150ºC
VCE=60V,VBE=0
<10
<10
µA
VCE=80V,VBE=0
<10
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
<10
n
Α
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BSX45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
NPN medium power transistors
1997 Apr 23
logo
Siemens Semiconductor G...
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
logo
Central Semiconductor C...
BSX45 CENTRAL-BSX45 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BSX45 SEME-LAB-BSX45 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
Comset Semiconductor
BSX45 COMSET-BSX45 Datasheet
79Kb / 3P
NPN MEDIUM POWER TRANSISTORS
More results

Similar Description - BSX45

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com