Electronic Components Datasheet Search
  English  ▼

X  

BSX20 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BSX20
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSX20 Datasheet(HTML) 2 Page - Continental Device India Limited

  BSX20 Datasheet HTML 1Page - Continental Device India Limited BSX20 Datasheet HTML 2Page - Continental Device India Limited BSX20 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
BSX20
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Transition Frequency
ft
VCE=10V,IC=10mA
500
-
MHZ
Emitter Base Capacitance
Cebo
IC=0, VEB=1V
-
4.5
pF
Collector Base Capacitance
Cbo
IE=0, VCB=5V
-
4.0
pF
Storage Time
ts
IC=10mA, VCC=10V
-
13
ns
IB1=-IB2=10mA
Turn-on Time
ton
IC=10mA, VCC=3V, IB1=3mA
-
12
ns
IC=100mA, VCC=6V, IB1=40mA
-
7.0
ns
Turn-off Time
toff
IC=10mA, VCC=3V
-
18
ns
IB1=3mA, IB2= -1.5mA
IC=100mA, VCC=6V
-
21
ns
IB1=40mA, IB2= -20mA
*Pulsed : Pulse duration=300us, duty cycle=1%
TO-18 Metal Can Package
TO-18
1K/polybag
350 gm/1K pcs
3" x 7.5" x 7.5"
5.0K
17" x 15" x 13.5"
80.0K
34 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
G
1
2
3
H
J
L
A
D
B
DIM
M IN
M A X
A
5.24
5.84
B
4.52
4.97
C
4.31
5.33
D
0.40
0.53
E—
0.76
F—
1.27
G—
2.97
H
0.91
1.17
J
0.71
1.21
K12.70
—
L45 DE G
PIN CONFIGURATION
1. EM ITTER
2. BASE
3. COLLECTOR
1
2
3
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com