Electronic Components Datasheet Search
  English  ▼

X  

BSX20 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BSX20
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSX20 Datasheet(HTML) 1 Page - Continental Device India Limited

  BSX20 Datasheet HTML 1Page - Continental Device India Limited BSX20 Datasheet HTML 2Page - Continental Device India Limited BSX20 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BSX20
TO-18
APPLICATIONS
High Speed Saturated Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
40
V
Collector -Emitter Voltage
VCES
40
V
Collector -Emitter Voltage
VCEO
15
V
Emitter -Base Voltage
VEBO
4.5
V
Collector Peak Current (t=10us)
ICM
0.5
A
Power Dissipation@ Ta=25 degC
Ptot
0.36
W
@Tc=25 deg C
1.20
W
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
146
deg C/W
Junction to Ambient
Rth(j-a)
486
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector-Cut off Current
ICBO
VCB=20V, IE=0
-
400
nA
VCB=20V, IE=0, Ta=150 deg C
-
30
uA
ICES
VCE=15V, VBE=0, Ta=55 deg C
-
400
nA
VCE=40V, VBE=0
-
1.0
uA
ICEX
VCE=15V, VBE=-3V , Ta=55 deg C
-
600
nA
Emitter-Cut off Current
IEBO
VEB=4.5V, IC=0
-
10
uA
Base-Cut off Current
IBEX
VCE=15V, VBE=-3V , Ta=55 deg C
-
600
nA
Collector -Emitter (sus) Voltage
VCER (sus)* IC=10mA, RBE=10 ohms
20
-
Collector -Emitter Voltage
VCEO*
IC=10mA, IB=0
15
-
V
Collector Emitter Saturation Voltage
VCE(Sat)*
IC=10mA,IB=1mA
-
0.25
V
IC=100mA,IB=10mA
-
0.60
V
IC=10mA,IB=0.3mA
-
0.30
V
Base Emitter on Voltage
VBE(on)
IC=30uA,VCE=20V, Ta=100deg C
0.35
-
V
Base Emitter Saturation Voltage
VBE(Sat) *
IC=10mA,IB=1mA
0.70
0.85
V
IC=100mA,IB=10mA
-
1.50
V
DC Current
hFE*
IC=10mA, VCE=1V
40
120
IC=100mA, VCE=2V
20
-
IC=10mA, VCE=1V, Ta= -55 deg C
20
-
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BSX20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSX20 PHILIPS-BSX20 Datasheet
53Kb / 8P
NPN switching transistor
1997 May 14
logo
STMicroelectronics
BSX20 STMICROELECTRONICS-BSX20 Datasheet
65Kb / 6P
HIGH SPEED SATURATED SWITCHES
Nov-1997
logo
Micro Electronics
BSX20 MICRO-ELECTRONICS-BSX20 Datasheet
95Kb / 2P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Central Semiconductor C...
BSX20 CENTRAL-BSX20 Datasheet
33Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
BSX20 NJSEMI-BSX20 Datasheet
114Kb / 3P
NPN switching transistor
More results

Similar Description - BSX20

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com