Electronic Components Datasheet Search
  English  ▼

X  

BSR18A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BSR18A
Description  SILICON LOW?밣OWER SWITCHING TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BSR18A Datasheet(HTML) 1 Page - Continental Device India Limited

  BSR18A Datasheet HTML 1Page - Continental Device India Limited BSR18A Datasheet HTML 2Page - Continental Device India Limited BSR18A Datasheet HTML 3Page - Continental Device India Limited BSR18A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
SILICON LOW–POWER SWITCHING TRANSISTORS
P–N–P silicon transistor
Marking
BSR18A = T92
ABSOLUTE MAXIMUM RATINGS
Collector–base voltage (open emitter)
–VCBO max.
40 V
Collector–emitter voltage (open base)
–VCEO max.
40 V
Collector current (DC)
–I C
max.
200 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Junction temperature
Tj
max.
150 ° C
DC current gain
–IC = 10 mA; –VCE = 1 V
BSR18A
hFE
100 to 300
Transition frequency at f = 500 MHz
–IC = 10 mA; –VCE = 20 V
fT
>
250 MHz
BSR18A
Pin configuration
1 = BASE
2 = EMITTER
3 = COLLECTOR
3
2
1
SOT-23 Formed SMD Package
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BSR18A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR18A PHILIPS-BSR18A Datasheet
62Kb / 8P
PNP switching transistor
1997 May 28
logo
Fairchild Semiconductor
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
PNP Switching Transistor
logo
Fairchild Semiconductor
BSR18A FAIRCHILD-BSR18A Datasheet
134Kb / 7P
PNP General-Purpose Amplifier
BSR18A FAIRCHILD-BSR18A_14 Datasheet
134Kb / 7P
PNP General-Purpose Amplifier
More results

Similar Description - BSR18A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Comset Semiconductor
2N2221 COMSET-2N2221 Datasheet
84Kb / 4P
SWITCHING SILICON TRANSISTORS
2N2218 COMSET-2N2218 Datasheet
83Kb / 4P
SWITCHING SILICON TRANSISTORS
logo
EPCOS
B82464A4683K EPCOS-B82464A4683K Datasheet
45Kb / 3P
SMT?밣ower?밒nductors
B82477G4223M EPCOS-B82477G4223M Datasheet
41Kb / 3P
SMT?밣ower?밒nductors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
NPN SILICON SWITCHING TRANSISTORS
logo
Motorola, Inc
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
LOW?밣OWER DUAL CONVERSION FM RECEIVER
MC14544B MOTOROLA-MC14544B Datasheet
266Kb / 7P
CMOS MSI (Low?밣ower Complementary MOS)
MC44827 MOTOROLA-MC44827 Datasheet
161Kb / 8P
LOW?밣OWER PLL TUNING CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com