Electronic Components Datasheet Search
  English  ▼

X  

BFY50 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BFY50
Description  SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFY50 Datasheet(HTML) 2 Page - Continental Device India Limited

  BFY50 Datasheet HTML 1Page - Continental Device India Limited BFY50 Datasheet HTML 2Page - Continental Device India Limited BFY50 Datasheet HTML 3Page - Continental Device India Limited BFY50 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON PLANAR TRANSISTORS
BFY50, BFY51, BFY52
TO-39
Metal Can Package
DESCRIPTION
SYMBOL
BFY50 BFY51
BFY52
UNITS
Emitter Cut off Current
IEBO
VEB=5V, IC=0
<50
<50
<50
µA
Tj =100
oC
VEB=5V, IC=0
<2.8
<2.8
<2.8
µA
DC Current Gain
hFE
IC=10mA,VCE=6V
>20
>30
>30
IC=150mA,VCE=6V
>30
>40
>60
IC=1A,VCE=6V
>15
>15
>15
Collector Emitter Saturation Voltage
VCE(Sat) *IC=150mA,IB=15mA
<0.2
<0.35
<0.35
V
IC=1A,IB=100mA
<0.1
<1.6
<1.6
V
Base Emitter Saturation Voltage
VBE(Sat) *IC=1A,IB=100mA
<2.0
<2.0
<2.0
V
DYNAMIC CHARACTERISTICS
Small Signal Current Gain
| hfe |IC=1mA, VCE=6V,
>10
>30
>30
f=1kHz
Output Capacitance
Cob
VCB=12V, f=500kHz
<12
<12
<12
pF
Transistors Frequency
fT
IC=50mA, VCE=6V
>60
>50
>50
MHz
f=20MHz
*Pulse Test: Pulse Width= 300
µs, Duty Cycle =1%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com