Electronic Components Datasheet Search
  English  ▼

X  

BFY50 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BFY50
Description  SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFY50 Datasheet(HTML) 1 Page - Continental Device India Limited

  BFY50 Datasheet HTML 1Page - Continental Device India Limited BFY50 Datasheet HTML 2Page - Continental Device India Limited BFY50 Datasheet HTML 3Page - Continental Device India Limited BFY50 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR TRANSISTORS
BFY50, BFY51, BFY52
TO-39
Metal Can Package
General Purpose Transistors.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BFY50 BFY51
BFY52
UNITS
Collector Emitter Voltage
VCEO
35
30
20
V
Collector Base Voltage
VCBO
80
60
40
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
1.0
A
Power Dissipation @ Ta=25ºC
PD
0.8
W
Derate Above 25ºC
4.6
mW/ºC
Power Dissipation@ Tc=25ºC
PD
5.0
W
Derate Above 25ºC
28.6
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
89.5
ºC/W
Junction to Case
Rth(j-c)
16.5
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BFY50 BFY51
BFY52
UNITS
Collector Emitter Voltage
VCEO
IC=10mA,IB=0
>35
>30
>20
V
Collector Base Voltage
VCBO
IC=10µA,IE=0
>80
>60
>40
V
Emitter Base Voltage
VEBO
IC=10µA,IC=0
>6.0
>6.0
>6.0
V
Collector Cut off Current
ICBO
VCB=60V, IE=0
<50
nA
VCB=40V, IE=0
<50
nA
VCB=30V, IE=0
<50
nA
Tj =100
oC
VCB=60V, IE=0
<2.5
µA
VCB=40V, IE=0
<2.5
µA
VCB=30V, IE=0
<2.5
µA
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BFY50

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFY50 PHILIPS-BFY50 Datasheet
55Kb / 8P
NPN medium power transistors
1997 Apr 22
logo
STMicroelectronics
BFY50 STMICROELECTRONICS-BFY50 Datasheet
46Kb / 5P
MEDIUM POWER AMPLIFIER
Nov-1997
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
18Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Central Semiconductor C...
BFY50 CENTRAL-BFY50 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
43Kb / 2P
MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
More results

Similar Description - BFY50

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
SILICON PLANAR POWER TRANSISTORS
MZT2955 CDIL-MZT2955 Datasheet
186Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CIL928A CDIL-CIL928A Datasheet
106Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N3019 COMSET-2N3019_12 Datasheet
92Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY58 COMSET-BCY58_12 Datasheet
86Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY78 COMSET-BCY78_12 Datasheet
156Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
BF840 CDIL-BF840 Datasheet
85Kb / 3P
SILICON PLANAR TRANSISTORS
BC393 CDIL-BC393 Datasheet
192Kb / 3P
SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com