Electronic Components Datasheet Search
  English  ▼

X  

BFX37 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BFX37
Description  PNP SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX37 Datasheet(HTML) 2 Page - Continental Device India Limited

  BFX37 Datasheet HTML 1Page - Continental Device India Limited BFX37 Datasheet HTML 2Page - Continental Device India Limited BFX37 Datasheet HTML 3Page - Continental Device India Limited BFX37 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON PLANAR TRANSISTOR
BFX37
TO-18
Metal Can Package
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Small Signal Current Gain
hfe
IC=1mA, VCE=5V,
f=1KHz
250
Transition Frequency
fT
IC=0.5mA, VCE=5V,
f=20MHz
40
MHz
Emitter Base Capacitance
Cebo
VEB=0.5V, IC=0,
f=1MHz
15
pF
Collector Base Capacitance
Ccbo
VCB=5V, IE=0, f=1MHz
6.0
pF
Noise Figure
NF
IC=20µA, VCE=5V,
Rg=10kΩ, f=1KHz
2.5
dB
f=10 to 10000 Hz
3.5
dB
Input Impedance
hie
IC=1mA, VCE=5V,
f=1KHz
6.5
k
Ω
Reverse Voltage Ratio
hre
IC=1mA, VCE=5V,
f=1KHz
2.5
x10
-4
Output Admittance
hoe
IC=1mA, VCE=5V,
f=1KHz
15
µs
BFX37Rev230506E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com