Electronic Components Datasheet Search
  English  ▼

X  

BFX37 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BFX37
Description  PNP SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX37 Datasheet(HTML) 1 Page - Continental Device India Limited

  BFX37 Datasheet HTML 1Page - Continental Device India Limited BFX37 Datasheet HTML 2Page - Continental Device India Limited BFX37 Datasheet HTML 3Page - Continental Device India Limited BFX37 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR TRANSISTOR
BFX37
TO-18
Metal Can Package
Low Lever, Low Noise Amplifier
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Emitter Voltage
VCES
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Power Dissipation at Ta=25ºC
PD
Power Dissipation at Tc=25ºC
PD
Operating and Storage Junction
Temperature Range
Tj, Tstg
THERMAL CHARACTERISTICS
Junction to Case
Rth (j-c)
Junction to Ambient in free air
Rth (j-a)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICES
VCE=70V, VBE=0
10
nA
VCE=70V, VBE=0,
Ta=150ºC
10
µA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
10
nA
Collector Emitter Voltage
VCES
IC=10µA, VBE =0
90
V
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
80
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
6.0
V
Collector Emitter Saturation Voltage
*VCE (sat)
IC=10mA, IB=0.5mA
0.25
V
IC=50mA, IB=5mA
0.40
V
Base Emitter On Voltage
VBE (on)
IC=1mA,VCE=5V
0.65
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=10mA, IB=0.5mA
0.9
V
IC=50mA, IB=5mA
0.95
V
DC Current Gain
*hFE
IC=1µA,VCE=5V
130
IC=10µA,VCE=5V
70
230
IC=100µA,VCE=5V
125
IC=1mA, VCE=5V
125
280
IC=10mA, VCE=5V
125
*Pulsed: Pulse duration = 300
µµs, duty cycle = 1%
BFX37Rev230506E
100
360
1.2
- 55 to +200
VALUE
90
80
6.0
mA
mW
W
ºC
UNIT
V
V
V
ºC/W
146
486
ºC/W
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BFX37

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFX37 SEME-LAB-BFX37 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results

Similar Description - BFX37

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CMBT9015 CDIL-CMBT9015 Datasheet
172Kb / 3P
PNP SILICON PLANAR TRANSISTOR
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
PNP SILICON PLANAR TRANSISTOR
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BFX30 CDIL-BFX30 Datasheet
137Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com