Electronic Components Datasheet Search
  English  ▼

X  

BFX30 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BFX30
Description  PNP SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX30 Datasheet(HTML) 2 Page - Continental Device India Limited

  BFX30 Datasheet HTML 1Page - Continental Device India Limited BFX30 Datasheet HTML 2Page - Continental Device India Limited BFX30 Datasheet HTML 3Page - Continental Device India Limited BFX30 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON PLANAR TRANSISTOR
BFX30
TO-39
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
SMALL SIGNAL CHARACTERISTICS
Collector Capacitance
Ctc
VCB=10V,IE=Ie=0,f=1MHz
typ.
6.0
pF
Emitter Capacitance
Cte
VEB=2.0V, IC=,f=1MHz
typ.
18
pF
SWITCHING TIMES
Delay Time
td
15
ns
Rise Time
tr
40
ns
Turn on time (td+ tr)
ton
IC=100mA, IBon=IBoff=10mA
50
ns
Storage time
ts
250
ns
Fall time
tf
50
ns
Turn off time (ts+tf)
toff
290
ns
VALUE
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com