Electronic Components Datasheet Search
  English  ▼

X  

BFX30 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BFX30
Description  PNP SILICON PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX30 Datasheet(HTML) 1 Page - Continental Device India Limited

  BFX30 Datasheet HTML 1Page - Continental Device India Limited BFX30 Datasheet HTML 2Page - Continental Device India Limited BFX30 Datasheet HTML 3Page - Continental Device India Limited BFX30 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR TRANSISTOR
BFX30
TO-39
Metal Can Package
INTENDED FOR SWITCHING APPLICATIONS.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCEO
65
V
Collector Base Voltage
VCBO
65
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current Continuous
IC
600
mA
Peak
ICM
600
mA
Emitter Curent (Peak Value)
IEM
600
mA
Total Device Dissipation @ Ta=25ºC
Ptot
600
mW
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
300
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Cut off Current
ICBO
VCB=65V, IE=0
500
nA
VCB=50V, IE=0
50
nA
VCB=50V, IE=0, Tj=100ºC
2.0
µA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
500
nA
VEB=3V, IC=0
100
nA
DC Current Gain
hFE
IC=1.0mA,VCE=0.4V
40
IC=10mA,VCE=0.4V
50
200
IC=50mA,VCE=0.4V
20
IC=150mA,VCE=0.4V
10
Base Emitter Saturation Voltage
VBE(Sat)
IC=30mA,IB=1.0mA
0.9
V
IC=150mA,IB=15mA
1.3
V
VALUE
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BFX30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFX30 PHILIPS-BFX30 Datasheet
56Kb / 8P
PNP switching transistor
1997 Apr 16
logo
Seme LAB
BFX30 SEME-LAB-BFX30 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
BFX30 NJSEMI-BFX30 Datasheet
89Kb / 2P
High current (max.600 mA)
More results

Similar Description - BFX30

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD330 SIEMENS-BD330 Datasheet
87Kb / 3P
PNP SILICON PLANAR TRANSISTOR
BF939 SIEMENS-BF939 Datasheet
33Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
List of Unclassifed Man...
CD9015 ETC1-CD9015 Datasheet
88Kb / 3P
PNP SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
CMBT9015 CDIL-CMBT9015 Datasheet
172Kb / 3P
PNP SILICON PLANAR TRANSISTOR
CD9012 CDIL-CD9012 Datasheet
89Kb / 3P
PNP SILICON PLANAR TRANSISTOR
2N4036 CDIL-2N4036 Datasheet
125Kb / 2P
PNP SILICON PLANAR TRANSISTOR
2N995 CDIL-2N995 Datasheet
175Kb / 4P
PNP SILICON PLANAR TRANSISTOR
BCX23 CDIL-BCX23 Datasheet
95Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX37 NJSEMI-BFX37 Datasheet
86Kb / 2P
PNP SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com