Electronic Components Datasheet Search
  English  ▼

X  

BD675 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BD675
Description  NPN PLASTIC POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD675 Datasheet(HTML) 2 Page - Continental Device India Limited

  BD675 Datasheet HTML 1Page - Continental Device India Limited BD675 Datasheet HTML 2Page - Continental Device India Limited BD675 Datasheet HTML 3Page - Continental Device India Limited BD675 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN PLASTIC POWER DARLINGTON TRANSISTORS
BD675, BD675A
BD677, BD677A
BD679, BD679A
BD681, BD683
TO126
Plastic Package
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Saturation voltage
NON A VCE(sat)* IC=1.5A, IB=6mA
2.5
V
A VCE(sat)* IC=2.0A, IB=8mA
2.8
Base Emitter On Voltage
NON A
VBE(on)* IC=1.5A,VCE =3V
2.5
V
A
IC=2A,VCE =3V
2.5
DC Current Gain
NON A
hFE*
IC=1.5A,VCE=3V
750
A
hFE*
IC=2A,VCE=3V
750
Small signal Current Gain
lhfe l
IC=1.5A, VCE=3V
1.0
f=1MHz
Pulse test: Pulse Width < 300
µµs ; Duty cycle < 2%.
BD675_683 Rev_2 101002E
B
C
E
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com