Electronic Components Datasheet Search
  English  ▼

X  

BD675 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD675
Description  NPN PLASTIC POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD675 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD675 Datasheet HTML 1Page - Continental Device India Limited BD675 Datasheet HTML 2Page - Continental Device India Limited BD675 Datasheet HTML 3Page - Continental Device India Limited BD675 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN PLASTIC POWER DARLINGTON TRANSISTORS
BD675, BD675A
BD677, BD677A
BD679, BD679A
BD681, BD683
TO126
Plastic Package
Complementary BD676, 676A, 678, 678A, 680, 680A, 682 & 684
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BD675
677
679
681
683
UNITS
BD675A
677A
679A
Collector Base Voltage
VCBO
45
60
80
100
120
V
Collector Emitter Voltage
VCEO
45
60
80
100
120
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
4.0
A
Base Current
IB
0.1
A
Total Power Dissipation@ Ta=25
oC
PD
1.25
W
Derate above 25ºC
10
mW/ ºC
Total Power Dissipation@ Tc=25
oC
PD
40
W
Derate above 25ºC
0.32
W / ºC
Operating & Storage Junction
Tj,Tstg
- 55 to + 150
ºC
Temperature Range
THERMAL RESISTANCE
From Junction to case
Rth(j-c)
ºC/W
Junction to Ambient in free air
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Voltage
VCEO*
IC =50mA, IB =0
BD675/BD675A
45
V
BD677/BD677A
60
BD679/BD679A
80
BD681
100
BD683
120
Collector-Cut off Current
ICEO
VCE=half rated VCEO,IB=0
500
µA
ICBO
VCB =rated VCBO, IE=0
0.2
mA
ICBO
VCB =rated VCBO, IE=0
2.0
TC=100
OC
Emitter cut off Current
IEBO
VEB =5V, IC =0
2.0
m
Α
BD675_683 Rev_2 101002E
3.13
100
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BD675

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD675 MOTOROLA-BD675 Datasheet
112Kb / 4P
Plastic Medium-Power Silicon NPN Darlingtons
logo
Siemens Semiconductor G...
BD675 SIEMENS-BD675 Datasheet
134Kb / 4P
NPN SILICON DARLINGTON TRANSISTORS
BD675 SIEMENS-BD675 Datasheet
135Kb / 4P
PNP SILICON DARLINGTON TRANSISTORS
logo
ON Semiconductor
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
logo
TRANSYS Electronics Lim...
BD675 TEL-BD675 Datasheet
60Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
More results

Similar Description - BD675

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BD675A TEL-BD675A Datasheet
130Kb / 3P
NPN PLASTIC POWER DARLINGTON TRANSISTORS
logo
TAITRON Components Inco...
TIP100 TAITRON-TIP100 Datasheet
240Kb / 4P
Darlington Power Transistors (NPN)
TIP110 TAITRON-TIP110 Datasheet
194Kb / 4P
Darlington Power Transistors (NPN)
TIP120 TAITRON-TIP120 Datasheet
242Kb / 4P
Darlington Power Transistors (NPN)
logo
New Jersey Semi-Conduct...
2N2226 NJSEMI-2N2226 Datasheet
222Kb / 2P
NPN POWER, DARLINGTON TRANSISTORS
logo
Continental Device Indi...
2N6387 CDIL-2N6387 Datasheet
92Kb / 4P
NPN PLASTIC MEDIUM DARLINGTON POWER TRANSISTORS
MJD122 CDIL-MJD122 Datasheet
408Kb / 5P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
MJD112 CDIL-MJD112 Datasheet
90Kb / 6P
COMPLEMENTARY DARLINGTON PLASTIC POWER TRANSISTORS
BD901 CDIL-BD901 Datasheet
86Kb / 3P
DARLINGTON PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
GE6060 NJSEMI-GE6060 Datasheet
94Kb / 2P
NPN POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com