Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321D-CU Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
25
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Table 13-4. Additional Commands
Command
Opcode
Table 13-5. Legacy Commands(1)
Command
Opcode
Note:
1.
These legacy commands are not recommended for new designs.
Main memory page to buffer 1 transfer
53H
Main memory page to buffer 2 transfer
55H
Main memory page to buffer 1 compare
60H
Main memory page to buffer 2 compare
61H
Auto page rewrite through buffer 1
58H
Auto page rewrite through buffer 2
59H
Deep power-down
B9H
Resume from deep power-down
ABH
Status register read
D7H
Manufacturer and device ID read
9FH
Buffer 1 read
54H
Buffer 2 read
56H
Main memory page read
52H
Continuous array read
68H
Status register read
57H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com