Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321D-CU Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
40
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Figure 22-10.Status Register Read (Opcode D7H)
Figure 22-11.Manufacturer and Device Read (Opcode 9FH)
SCK
CS
SI
SO
MSB
23
1
0
11010111
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
OPCODE
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
Status register data
Status register data
High-impedance
SCK
CS
SI
SO
6
0
9FH
8
7
38
OPCODE
1FH
Device Id byte 1
Device Id byte 2
00H
High-impedance
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com