Electronic Components Datasheet Search
  English  ▼

X  

L6387DTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6387DTR
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387DTR Datasheet(HTML) 4 Page - STMicroelectronics

  L6387DTR Datasheet HTML 1Page - STMicroelectronics L6387DTR Datasheet HTML 2Page - STMicroelectronics L6387DTR Datasheet HTML 3Page - STMicroelectronics L6387DTR Datasheet HTML 4Page - STMicroelectronics L6387DTR Datasheet HTML 5Page - STMicroelectronics L6387DTR Datasheet HTML 6Page - STMicroelectronics L6387DTR Datasheet HTML 7Page - STMicroelectronics L6387DTR Datasheet HTML 8Page - STMicroelectronics L6387DTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
For both high and low side buffers @25˚C Tamb
0
1
2
3
4
5
C (nF)
0
50
100
150
200
250
time
(nsec)
Tr
D99IN1054
Tf
Figure 1. Typical Rise and Fall Times vs.
Load Capacitance
0
2468
10
12
14
16 VS(V)
10
102
103
104
Iq
(
µA)
D99IN1055
Figure 2. Quiescent Current vs. Supply
Voltage
Input Logic
L6387 Input Logic is VCC (17V) compatible. An in-
terlocking features is offered (see truth table be-
low) to avoid undesired simultaneous turn ON of
both Power Switches driven.
Table 1.
Input
HIN
00
11
LIN
0
1
0
1
Output
HVG
0
0
1
0
LVG
0
1
0
0
BOOTSTRAP DRIVER
A bootstrap circuitry is needed to supply the high
voltage section. This function is normally accom-
plished by a high voltage fast recovery diode (fig.
3a). In the L6387 a patented integrated structure
replaces the external diode. It is realized by a
high voltage DMOS, driven synchronously with
the low side driver (LVG), with in series a diode,
as shown in fig. 3b
An internal charge pump (fig. 3b) provides the
DMOS driving voltage .
The diode connected in series to the DMOS has
been added to avoid undesirable turn on of it.
CBOOT selection and charging:
To choose the proper CBOOT value the external
MOS can be seen as an equivalent capacitor.
This capacitor CEXT is related to the MOS total
gate charge :
CEXT
=
Qgate
Vgate
The ratio between the capacitors CEXT and CBOOT
is proportional to the cyclical voltage loss .
It has to be:
CBOOT>>>CEXT
e.g.: if Qgate is 30nC and Vgate is 10V, CEXT is
3nF. With
CBOOT = 100nF the drop would be
300mV.
If HVG has to be supplied for a long time, the
CBOOT selection has to take into account also the
leakage losses.
e.g.: HVG steady state consumption is lower than
200
µA, so if HVG TON is 5ms, CBOOT has to
supply 1
µC to CEXT. This charge on a 1µF ca-
pacitor means a voltage drop of 1V.
The internal bootstrap driver gives great advan-
tages: the external fast recovery diode can be
avoided (it usually has great leakage current).
This structure can work only if VOUT is close to
GND (or lower) and in the meanwhile the LVG is
on. The charging time (Tcharge ) of the CBOOT is
the time in which both conditions are fulfilled and
it has to be long enough to charge the capacitor.
The bootstrap driver introduces a voltage drop
due to
the DMOS RDSON (typical value: 125
Ohm). At low frequency this drop can be ne-
glected. Anyway
increasing the frequency
it
must be taken in to account.
The following equation is useful to compute the
L6387
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com