Electronic Components Datasheet Search
  English  ▼

X  

L6387DTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6387DTR
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6387DTR Datasheet(HTML) 5 Page - STMicroelectronics

  L6387DTR Datasheet HTML 1Page - STMicroelectronics L6387DTR Datasheet HTML 2Page - STMicroelectronics L6387DTR Datasheet HTML 3Page - STMicroelectronics L6387DTR Datasheet HTML 4Page - STMicroelectronics L6387DTR Datasheet HTML 5Page - STMicroelectronics L6387DTR Datasheet HTML 6Page - STMicroelectronics L6387DTR Datasheet HTML 7Page - STMicroelectronics L6387DTR Datasheet HTML 8Page - STMicroelectronics L6387DTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
drop on the bootstrap DMOS:
Vdrop
= IchargeRdson → Vdrop =
Qgate
Tcharge
Rdson
where Qgate is the gate charge of the external
power MOS, Rdson is the on resistance of the
bootstrap DMOS, and Tcharge is the charging time
of the bootstrap capacitor.
For example: using a power MOS with a total
gate charge of 30nC the drop on the bootstrap
DMOS is about 1V, if the Tcharge is 5
µs. In fact:
Vdrop
=
30nC
5
µs
⋅ 125Ω ~ 0.8V
Vdrop has to be taken into account when the volt-
age drop on CBOOT is calculated: if this drop is
too high, or the circuit topology doesn’t allow a
sufficient charging time, an external diode can be
used.
TO LOAD
D99IN1056
H.V.
HVG
ab
LVG
HVG
LVG
CBOOT
TO LOAD
H.V.
CBOOT
DBOOT
VBOOT
VS
VS
VOUT
VBOOT
VOUT
Figure 3. Bootstrap Driver.
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
Figure 4. Turn On Time vs. Temperature
-45
-25
0
25
50
75
100
125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
Figure 5. Turn Off Time vs. Temperature
L6387
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com