Electronic Components Datasheet Search
  English  ▼

X  

BCY56 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCY56
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY56 Datasheet(HTML) 2 Page - Continental Device India Limited

  BCY56 Datasheet HTML 1Page - Continental Device India Limited BCY56 Datasheet HTML 2Page - Continental Device India Limited BCY56 Datasheet HTML 3Page - Continental Device India Limited BCY56 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
BCY56
BCY57
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
DC Current Gain
hFE
IC=10mA, VCE=5V
BCY56
100
BCY57
200
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Small Signal Current Gain
hfe
IC=2mA, VCE=5V, f=1kHz
BCY56
125
500
BCY57
240
900
Input Impedance
hie
IC=2mA, VCE=5V, f=1kHz
BCY56
3.5
k
Ω
BCY57
7.5
k
Ω
Reverse Voltage Transfer Ratio
hre
IC=2mA, VCE=5V, f=1kHz
BCY56
1.75
x10
-4
BCY57
3.50
x10
-4
Output Admittance
hoe
IC=2mA, VCE=5V, f=1kHz
BCY56
17.5
µS
BCY57
35.0
µS
Noise Figure
NF
IC=0.2mA,VCE=5V, Rg=2kΩ,
f=30kHz to 15.7kHz
5.0
dB
Transition frequency
fT
IC=0.5mA,VCE=5V, f=100MHz
BCY56
85
MHz
BCY57
100
MHz
IC=10mA,VCE=5V, f=100MHz
BCY56
250
MHz
BCY57
350
MHz
Collector Capacitance
CC
VCB=5V, IE=0, f=1MHz
4.5
pF
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com