Electronic Components Datasheet Search
  English  ▼

X  

BCY56 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BCY56
Description  NPN SILICON PLANAR TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCY56 Datasheet(HTML) 1 Page - Continental Device India Limited

  BCY56 Datasheet HTML 1Page - Continental Device India Limited BCY56 Datasheet HTML 2Page - Continental Device India Limited BCY56 Datasheet HTML 3Page - Continental Device India Limited BCY56 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR TRANSISTORS
BCY56
BCY57
TO-18
Metal Can Package
For General Purpose, Very High Gain Low Level and Low Noise Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BCY56
UNIT
Collector Emitter Voltage
VCEO
45
V
Collector Base Voltage
VCBO
45
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Collector Current Peak
ICM
mA
Power Dissipation @ Ta=25ºC
PD
mW
Derate Above 25ºC
mW/ ºC
Power Dissipation @ Tc=25ºC
PD
mW
Derate Above 25ºC
mW/ ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
ºC/W
Junction to Case
Rth (j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
BCY56
BCY57
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
>45
>20
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
>45
>25
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
V
Collector Cut off Current
ICBO
VCB=20V, IE=0
nA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
nA
Base Emitter on Voltage
VBE (on)
IC=2mA, VCE=5V
V
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=1mA
V
*IC=100mA, IB=10mA
V
DC Current Gain
hFE
IC=10µA, VCE=5V
BCY56
BCY57
IC=2mA, VCE=5V
BCY56
BCY57
*Pulse Test: Pulse width <300
µµs, Duty cycle< 2%
750
>40
>100
100 - 450
<100
>5
<100
0.6 - 0.7
Typ 0.08
Typ 0.20
100
100
300
2
25
BCY57
20
5
200 - 800
5
- 65 to +175
500
200
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BCY56

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BCY56 SEME-LAB-BCY56 Datasheet
24Kb / 2P
GENERAL PURPOSE, LOW POWER, NPN SWITCHING TRANSISTOR
More results

Similar Description - BCY56

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
2N2220 SIEMENS-2N2220 Datasheet
45Kb / 2P
NPN Silicon Planar Transistors
BCY58 SIEMENS-BCY58 Datasheet
133Kb / 4P
npn silicon planar transistors
BF469 SIEMENS-BF469 Datasheet
83Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
NPN SILICON PLANAR TRANSISTORS
BSX48 SIEMENS-BSX48 Datasheet
126Kb / 4P
NPN SILICON PLANAR TRANSISTORS
BSX62 SIEMENS-BSX62 Datasheet
167Kb / 5P
NPN SILICON PLANAR TRANSISTORS
BSY34 SIEMENS-BSY34 Datasheet
158Kb / 5P
NPN SILICON PLANAR TRANSISTORS
logo
Continental Device Indi...
CIL351 CDIL-CIL351 Datasheet
137Kb / 3P
NPN SILICON PLANAR TRANSISTORS
BC171 CDIL-BC171 Datasheet
221Kb / 4P
NPN SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com