Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS83C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS83C520 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS83C520 Datasheet HTML 9Page - Maxim Integrated Products DS83C520 Datasheet HTML 10Page - Maxim Integrated Products DS83C520 Datasheet HTML 11Page - Maxim Integrated Products DS83C520 Datasheet HTML 12Page - Maxim Integrated Products DS83C520 Datasheet HTML 13Page - Maxim Integrated Products DS83C520 Datasheet HTML 14Page - Maxim Integrated Products DS83C520 Datasheet HTML 15Page - Maxim Integrated Products DS83C520 Datasheet HTML 16Page - Maxim Integrated Products DS83C520 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
13 of 43
setting. When desiring maximum speed, software should select a Stretch value of 0. When using very
slow RAM or peripherals, select a larger Stretch value. Note that this affects data memory only and the
only way to slow program memory (ROM) access is to use a slower crystal.
Using a Stretch value between 1 and 7 causes the microcontroller to stretch the read/write strobe and all
related timing. Also, setup and hold times are increased by 1 clock when using any Stretch greater than 0.
This results in a wider read/write strobe and relaxed interface timing, allowing more time for
memory/peripherals to respond. The timing of the variable speed MOVX is in the Electrical
Specifications section. Table 3 shows the resulting strobe widths for each Stretch value. The memory
Stretch uses the Clock Control Special Function Register at SFR location 8Eh. The Stretch value is
selected using bits CKCON.2–0. In the table, these bits are referred to as M2 through M0. The first
Stretch (default) allows the use of common 120ns RAMs without dramatically lengthening the memory
access.
Table 3. Data Memory Cycle Stretch Values
CKCON.2-0
M2
M1
M0
MEMORY CYCLES
RD OR WR STROBE
WIDTH IN CLOCKS
STROBE WIDTH
TIME at 33MHz (ns)
0
0
0
2 (forced internal)
2
60
0
0
1
3 (default external)
4
121
0
1
0
4
8
242
0
1
1
5
12
364
1
0
0
6
16
485
1
0
1
7
20
606
1
1
0
8
24
727
1
1
1
9
28
848
DUAL DATA POINTER
The timing of block moves of data memory is faster using the Dual Data Pointer (DPTR). The standard
8051 DPTR is a 16-bit value that is used to address off-chip data RAM or peripherals. In the
DS87C520/DS83C520, this data pointer is called DPTR0, located at SFR addresses 82h and 83h. These
are the original locations. Using DPTR requires no modification of standard code. The new DPTR at SFR
84h and 85h is called DPTR1. The DPTR Select bit (DPS) chooses the active pointer. Its location is the
lsb of the SFR location 86h. No other bits in register 86h have any effect and are 0. The user switches
between data pointers by toggling the lsb of register 86h. The increment (INC) instruction is the fastest
way to accomplish this. All DPTR-related instructions use the currently selected DPTR for any activity.
Therefore it takes only one instruction to switch from a source to a destination address. Using the Dual
Data Pointer saves code from needing to save source and destination addresses when doing a block move.
The software simply switches between DPTR0 and 1 once software loads them. The relevant register
locations are as follows:
DPL
82h
Low byte original DPTR
DPH 83h
High byte original DPTR
DPL1 84h
Low byte new DPTR
DPH1 85h
High byte new DPTR
DPS
86h
DPTR Select (lsb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com