Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS83C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS83C520 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS83C520 Datasheet HTML 17Page - Maxim Integrated Products DS83C520 Datasheet HTML 18Page - Maxim Integrated Products DS83C520 Datasheet HTML 19Page - Maxim Integrated Products DS83C520 Datasheet HTML 20Page - Maxim Integrated Products DS83C520 Datasheet HTML 21Page - Maxim Integrated Products DS83C520 Datasheet HTML 22Page - Maxim Integrated Products DS83C520 Datasheet HTML 23Page - Maxim Integrated Products DS83C520 Datasheet HTML 24Page - Maxim Integrated Products DS83C520 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
21 of 43
how the operation would compare when using the ring, and when starting up normally. The default state
is to exit Stop mode without using the ring oscillator.
The RGSL - Ring Select bit at EXIF.1 (EXIF; 91h) controls this function. When RGSL = 1, the CPU will
use the ring oscillator to exit Stop mode quickly. As mentioned above, the processor will automatically
switch from the ring to the crystal after a delay of 65,536 crystal clocks. For a 3.57MHz crystal, this is
approximately 18ms. The processor sets a flag called RGMD-Ring Mode, located at EXIF.2, that tells
software that the ring is being used. The bit will be a logic 1 when the ring is in use. Attempt no serial
communication or precision timing while this bit is set, since the operating frequency is not precise.
Figure 4. Ring Oscillator Exit from Stop Mode
EMI REDUCTION
One of the major contributors to radiated noise in an 8051-based system is the toggling of ALE. The
microcontroller allows software to disable ALE when not used by setting the ALEOFF (PMR.2) bit to 1.
When ALEOFF = 1, ALE will still toggle during an off-chip MOVX. However, ALE will remain in a
static mode when performing on-chip memory access. The default state of ALEOFF = 0 so ALE toggles
at a frequency of XTAL/4.
STOP MODE WITH RING STARTUP
STOP MODE WITHOUT RING STARTUP
NOTE: DIAGRAM ASSUMES THAT THE OPERATION FOLLOWING STOP REQUIRES
LESS THAN 18ms TO COMPLETE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com