Electronic Components Datasheet Search
  English  ▼

X  

BC308A Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BC308A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC308A Datasheet(HTML) 3 Page - Continental Device India Limited

  BC308A Datasheet HTML 1Page - Continental Device India Limited BC308A Datasheet HTML 2Page - Continental Device India Limited BC308A Datasheet HTML 3Page - Continental Device India Limited BC308A Datasheet HTML 4Page - Continental Device India Limited BC308A Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
BC 307, A, B, C
BC 308, A, B, C
BC 309, A, B, C
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=10mA, VCE=5V
BC307
f=50MHz
280
MHz
BC308
320
MHz
BC309
360
MHz
Collector Base Capacitance
Ccbo
VCB=10V, IE=0
6pF
Noise Figure
f=1MHz
BC 309
NF
IC=0.2mA, VCE=5V
24
dB
Rg=2K
Ω f=30Hz to
15KHz
BC307, BC308
f =1KHz, B=200Hz
2
10
dB
BC309
24
dB
RS=2KΩ f=30Hz
to 15KHz
*Pulse Condition: Width < 300
µs, Duty Cycle < 2%.
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com