Electronic Components Datasheet Search
  English  ▼

X  

BC308A Datasheet(PDF) 4 Page - Continental Device India Limited

Part # BC308A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC308A Datasheet(HTML) 4 Page - Continental Device India Limited

  BC308A Datasheet HTML 1Page - Continental Device India Limited BC308A Datasheet HTML 2Page - Continental Device India Limited BC308A Datasheet HTML 3Page - Continental Device India Limited BC308A Datasheet HTML 4Page - Continental Device India Limited BC308A Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BC 307, A, B, C
BC 308, A, B, C
BC 309, A, B, C
TO-92
Plastic Package
TO-92 Plastic Package
TO-92 Transistors on Tape and Ammo Pack
CUMULATIVE PITCH
ERROR 1.0 mm/20
PITCH
TO BE MEASURED AT
BOTTOM OF CLINCH
AT TOP OF BODY
t1 0.3 - 0.6
BODY WIDTH
BODY HEIGHT
BODY THICKNESS
PITCH OF COMPONENT
FEED HOLE PITCH
FEED HOLE CENTRE TO
COMPONENT CENTRE
DISTANCE BETWEEN OUTER
LEADS
COMPONENT ALIGNMENT
TAPE WIDTH
HOLD-DOWN TAPE WIDTH
HOLE POSITION
HOLD-DOWN TAPE POSITION
LEAD WIRE CLINCH HEIGHT
COMPONENT HEIGHT
LENGTH OF SNIPPED LEADS
FEED HOLE DIAMETER
TOTAL TAPE THICKNESS
LEAD - TO - LEAD DISTANCEF1,
CLINCH HEIGHT
PULL - OUT FORCE
ITEM
A1
A
T
P
Po
P2
F
h
W
Wo
W1
W2
Ho
H1
L
Do
t
F2
H2
(P)
SYMBOL
SPECIFICATION
4.0
4.8
3.9
6N
MIN.
12.7
12.7
6.35
5.08
0
18
6
9
0.5
16
4
2.54
NOM.
4.8
5.2
4.2
1
23.25
11.0
1.2
3
MAX.
±1
±0.3
±0.4
+0.6
-0.2
±0.5
±0.2
+0.7
-0.5
±0.2
±0.5
±0.2
+0.4
-0.1
TOL .
REMARKS
NOTES
1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm.
2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20
PITCHES.
3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO
EXPOSURE OF ADHESIVE.
4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS ARE PERMITTED.
5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES ARE REQUIRED AFTER THE LAST COMPONENT.
6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
All dimensions in mm unless specified otherwise
Ammo Pack Style
Adhesive Tape on Top Side
FLAT SIDE
MECHANICAL DATA
T
t1
t
F1
F2
F
P2
Po
Do
(p)
W2
Wo
W1
W
H1
A
A1
P
H0
L
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
LABEL
Carrier
Strip
8.2"
13"
FEE
D
1.77"
h
h
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
B
D
A A
SEC AA
G
D
3
2 1
1
2
3
F
F
3 2 1
All diminsions in mm.
DIM
MIN.
MAX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F5 DEG
G
1.14
1.40
H
1.14
1.53
2.082
K
L
12.70
1.982
—
Continental Device India Limited
Data Sheet
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com