Electronic Components Datasheet Search
  English  ▼

X  

ACT337 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT337
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT337 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT337_14 Datasheet HTML 3Page - Active-Semi, Inc ACT337_14 Datasheet HTML 4Page - Active-Semi, Inc ACT337_14 Datasheet HTML 5Page - Active-Semi, Inc ACT337_14 Datasheet HTML 6Page - Active-Semi, Inc ACT337_14 Datasheet HTML 7Page - Active-Semi, Inc ACT337_14 Datasheet HTML 8Page - Active-Semi, Inc ACT337_14 Datasheet HTML 9Page - Active-Semi, Inc ACT337_14 Datasheet HTML 10Page - Active-Semi, Inc ACT337_14 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ACT337
Rev 2, 14-Nov-12
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
V
7
.5
73
5
8
.
0
40
3
.
0
5
(
375
V
V
)
V
V
(
V
V
OUTCV
DREV
DS
OUTCV
INDCMAX
RO
=
−
×
+
×
=
−
+
×
=
)
(5)
110
T
/
nH
110
mH
5
2
.
1
A
L
N
2
LE
P
≈
=
=
25
.
2
385
.
0
30
.
0
5
5
.
0
25
.
0
12
V
V
V
V
V
V
N
N
CORD
DS
OUTCV
R
DA
DD
S
A
=
+
+
+
+
=
+
+
+
+
=
mH
1
KHz
72
mA
634
%
48
90
f
I
D
V
L
SW
PK
INDCMIN
P
≈
×
×
=
×
×
=
mA
634
%
48
.3
152
2
D
I
2
I
IN
PK
=
×
=
×
=
mA
3
.
152
%
7
7
90
2.1
5
V
I
V
I
INDCMIN
OUTPL
OUTCV
IN
=
×
×
=
×
×
=
η
(6)
(7)
(8)
(9)
k
.2
18
0.6
8
20
.
2
25
.
2
)
25
.
0
5
(
20
.
2
R
V
N
N
)
V
V
(
V
R
1
FB
FB
S
A
DS
OUTCV
FB
2
FB
≈
×
−
×
+
=
−
+
=
(16)
F
μ
280
mV
50
kHz
72
48
.
0
.1
2
V
f
D
I
C
RIPPLE
SW
OUTCC
OUT
=
×
×
=
×
×
=
△
(17)
(10)
8
110
3.7
1
1
N
N
N
N
P
P
S
S
=
×
=
×
=
(11)
18
8
25
.
2
N
N
N
N
S
S
A
A
=
×
=
×
=
(13)
k
80.6
242326
62
.
0
25
.
1
110
18
K
R
L
N
N
R
CS
P
P
A
1
FB
≈
×
×
=
×
×
=
(15)
()
()
R
64
.
0
92
.
0
77
.
0
72
25
.
1
5
5
.
2
2.1
396
.
0
9
.
0
f
L
V
I
I
V
9
.
0
R
xfm
system
SW
P
OUT
OUTMAX
OUTFL
CSLIM
CS
=
⎟
⎠
⎞
⎜
⎝
⎛
×
×
×
+
×
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
+
×
=
η
η
(14)
where η is the estimated circuit efficiency, fL is the
line frequency, tC is the estimated rectifier
conduction time, CIN is empirically selected to be
2×10µF electrolytic capacitors based on the
2.5~3µF/W rule of thumb.
When the transistor is turned off, the voltage on the
transistor’s collector consists of the input voltage
and the reflected voltage from the transformer’s
secondary winding. There is a ringing on the rising
top edge of the flyback voltage due to the leakage
inductance of the transformer. This ringing is
clamped by a RCD network if it is used. Design this
clamped voltage as 50V below the breakdown of
the NPN transistor. The flyback voltage has to be
considered with selection of the maximum reverse
voltage rating of secondary rectifier diode. If a 40V
Schottky diode is used, then the flyback voltage can
be calculated:
where VDS is the Schottky diode forward voltage,
VDREV is the maximum reverse voltage rating of the
diode and VOUTCV is the output voltage.
The maximum duty cycle is set to be 48% at low
line voltage 90VAC and the circuit efficiency is
estimated to be 77%. Then the full load input
current is:
The maximum input primary peak current at full
load base on duty of 48%:
The primary inductance of the transformer:
NP/NS can be calculated according to below
equation
The auxiliary to secondary turns ratio NA/NS:
Where VDA is diode forward voltage of the auxiliary
side and VR is the resister voltage.
An EPC17 transformer gapped core with an
effective inductance ALE of 110nH/T
2 is selected.
The number of turns of the primary winding is:
The number of turns of secondary and auxiliary
windings can be derived when Np/Ns=13.7:
The current sense resistance (RCS) determines the
current limit value based on the following equation:
The voltage feedback resistors are selected
according to below equation:
Where K is IC constant and K = 242326.
When selecting the output capacitor, a low ESR
electrolytic capacitor is recommended to minimize
ripple from the current ripple. The approximate
equation for the output capacitance value is given by:
A 470µF electrolytic capacitor is used to keep the
ripple small.
PCB Layout Guideline
Good PCB layout is critical to have optimal
performance. Decoupling capacitor (C4), current
sense resistor (R9) and feedback resistor (R5/R6)
should be placed close to VDD, CS and FB pins
respectively. There are two main power path loops.
One is formed by C1/C2, primary winding, NPN
transistor and the ACT337. The other is the
secondary
winding,
rectifier
D8
and
output
capacitors (C5). Keep these loop areas as small as
possible. Connect high current ground returns, the
input capacitor ground lead, and the ACT337 G pin
TYPICAL APPLICATION CONT’D
(12)
92
000023
.
0
3000
634
.
0
001
.
0
A
B
I
L
N
E
max
peak
P
MIN
≈
×
×
=
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com