Electronic Components Datasheet Search
  English  ▼

X  

ACT337 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT337
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT337 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT337_14 Datasheet HTML 4Page - Active-Semi, Inc ACT337_14 Datasheet HTML 5Page - Active-Semi, Inc ACT337_14 Datasheet HTML 6Page - Active-Semi, Inc ACT337_14 Datasheet HTML 7Page - Active-Semi, Inc ACT337_14 Datasheet HTML 8Page - Active-Semi, Inc ACT337_14 Datasheet HTML 9Page - Active-Semi, Inc ACT337_14 Datasheet HTML 10Page - Active-Semi, Inc ACT337_14 Datasheet HTML 11Page - Active-Semi, Inc ACT337_14 Datasheet HTML 12Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ACT337
Rev 2, 14-Nov-12
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Figure 6:
Universal VAC Input, 5V/2.1A Output Charger
Item
Reference
Description
QTY
1
C1, C2
Capacitor, Electrolytic, 10µF/400V, 10×16mm (Low leakage current)
2
2
C3
Capacitor, Ceramic,220pF/500V,1206,SMD
1
3
C4
Capacitor, Ceramic, 10µF/35V,1206,SMD
1
4
C5
Capacitor, Electrolytic, 1000µF/6.3V, 8 ×16mm
1
5
C6
Capacitor, Electrolytic, 820µF/6.3V, 6.3 × 16mm
1
6
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
1
7
CY1
Safety Y1,Capacitor,1000pF/400V,Dip
1
8
BD1
Bridge Rectifier,D1010S,1000V/1.0A,SDIP
1
9
D5
Fast Recovery Rectifier, RS1M,1000V/1.0A, RMA
1
10
D6
Fast Recovery Rectifier,RS1D,200V/1.0A,SMA
1
11
D8
Diode, Schottky, 45V/10A, S10U45S, SMD
1
12
L1
Choke Coil, 1.5mH, ¢6x8mm, DIP
1
13
Q1
Transistor, NPN, 700V,D13005,TO-126
1
14
F1
Fuse:1A 250V 3.6*10mm With Pigtail, ceramic tube
1
15
R1
Chip Resistor, 22Ω, 0805, 5%
1
16
R2
Chip Resistor, 1M,1206, 5%
1
17
R3
Chip Resistor, 390Ω,1206, 5%
1
18
R4
Chip Resistor, 15Ω, 0805, 5%
1
19
R5
Chip Resistor, 80.6k,0805, 1%
1
20
R6
Chip Resistor,18.2k,0805, 1%
1
21
R7
Chip Resistor, 30MΩ, 1206, 5%
1
22
R9
Chip Resistor, 0.62Ω,1206, 1%
1
23
R10
Chip Resistor, 162k,0805, 5%
1
24
R11
Chip Resistor, 3k, 0805, 5%
1
25
R13
Chip Resistor, 10Ω, 0805, 5%
1
26
T1
Transformer, LP = 1.25mH±7%, EPC17
1
27
U1
IC, ACT337SH-T,SOP-8
1
Table 1:ACT337 Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com