Electronic Components Datasheet Search
  English  ▼

X  

BC184L Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC184L
Description  SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC184L Datasheet(HTML) 2 Page - Continental Device India Limited

  BC184L Datasheet HTML 1Page - Continental Device India Limited BC184L Datasheet HTML 2Page - Continental Device India Limited BC184L Datasheet HTML 3Page - Continental Device India Limited BC184L Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
BC184L, BC184LB
BC184LC
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Saturation Voltage
VCE(Sat)
IC=10mA,IB=0.5mA
0.07
0.25
V
IC=100mA,IB=5.0mA*
0.2
0.6
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=100mA,IB=5mA*
1.2
V
Base Emitter On Voltage
VBE(On)
IC=2.0mA,VCE=5V
0.55
0.62
0.7
V
IC=100µA,VCE=5V
0.5
V
IC=100mA,VCE=5V*
0.83
V
Transistors Frequency
fT
IC=0.5mA, VCE=3V
140
MHz
f=100MHz
IC=10mA, VCE=5V
150
280
MHz
f=100MHz
Common Base OutPut Capacitance
Cob
VCB=10V, IC=0
5.0
pF
f=1MHz
Input Capacitance
Cib
VBE=0.5V, IC=0
8.0
pF
f=1MHz
Small Signal Current Gain
BC184L
| hfe |IC=2mA, VCE=5V
240
900
f = 1kHz
BC184LB
240
500
BC184LC
450
900
Noise Figure
IC=0.2mA, VCE=5.0V
Rs=2kW, f=30Hz to
4
dB
15kHz
IC=0.2mA, VCE=5.0V
4dB
Rs=2kW, f=1kHz to
F=200Hz
*Pulse Condition: =300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com