Electronic Components Datasheet Search
  English  ▼

X  

BC184L Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC184L
Description  SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC184L Datasheet(HTML) 1 Page - Continental Device India Limited

  BC184L Datasheet HTML 1Page - Continental Device India Limited BC184L Datasheet HTML 2Page - Continental Device India Limited BC184L Datasheet HTML 3Page - Continental Device India Limited BC184L Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
BC184L, BC184LB
BC184LC
TO-92
Plastic Package
General Purpose Amplifier Transistors
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector -Emitter Voltage
VCEO
30
V
Collector -Base Voltage
VCBO
45
V
Emitter -Base Voltage
VEBO
6.0
V
Collector Current Continuous
IC
100
mA
Power Dissipation @ Ta=25ºC
PD
350
mW
Derate Above 25ºC
2.8
mW/ºC
Power Dissipation @ Tc=25ºC
PD
1.0
W
Derate Above 25ºC
8.0
mW/ºC
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
125
ºC/W
Junction to Ambient
Rth(j-a)
357
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector -Emitter Voltage
VCEO
IC=2mA,IB=0
30
V
Collector -Base Voltage
VCBO
IC=10µA.IE=0
45
V
Emitter-Base Voltage
VEBO
IE=100µA, IC=0
6V
Collector-Cut off Current
ICBO
VCB=30V,IE=0
0.2
15
nA
Emitter-Cut off Current
IEBO
VEB=4V, IC=0
15
nA
DC Current Gain
hFE
IC=10µA,VCE=5V
100
BC184L
IC=2mA,VCE=5V
240
800
IC=100mA,VCE=5V
130
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC184L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC184L FAIRCHILD-BC184L Datasheet
23Kb / 3P
SILICON NPN SMALL SIGNAL TRANSISTOR
BC184L FAIRCHILD-BC184L Datasheet
25Kb / 3P
Silicon NPN Small Signal Transistor
logo
New Jersey Semi-Conduct...
BC184L NJSEMI-BC184L Datasheet
206Kb / 3P
NPN SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
logo
List of Unclassifed Man...
BC184L ETC-BC184L Datasheet
75Kb / 1P
Low Level and General Purpose Amplifiers
logo
New Jersey Semi-Conduct...
BC184LB NJSEMI-BC184LB Datasheet
206Kb / 3P
NPN SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
More results

Similar Description - BC184L

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2063 ROHM-2SC2063 Datasheet
309Kb / 4P
RF Amplifier Epitaxial Planar NPN Silicon Transistors
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
New Jersey Semi-Conduct...
BC184L NJSEMI-BC184L Datasheet
206Kb / 3P
NPN SILICON PLANAR EPITAXIAL AMPLIFIER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com