Electronic Components Datasheet Search
  English  ▼

X  

MC34844AEPR2 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC34844AEPR2
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844AEPR2 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC34844AEPR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
Analog Integrated Circuit Device Data
27
Freescale Semiconductor
34844
FUNCTIONAL DEVICE OPERATION
TYPICAL PERFORMANCE CURVES (TA=25°C)
MC34844
Figure 13. Bias Current vs Input Voltage (Sleep Mode)
Figure 14. Boost Soft Start
2.98
3.00
3.02
3.04
3.06
3.08
3.10
3.12
15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
Vin, volts
I2C Mode
SM_Bus Mode
VOUT
COMP
INDUCTOR
CURRENT
Vin=24V
Load=16 LEDs, 50mA/channel
VLED = 47V, ±1V
VOUT
COMP
INDUCTOR
CURRENT
Vin=24V
Load=16 LEDs, 50mA/channel
VLED = 47V, ±1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com