Electronic Components Datasheet Search
  English  ▼

X  

MC34844AEPR2 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MC34844AEPR2
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34844AEPR2 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MC34844AEPR2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC34844AEPR2 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
34844A
FUNCTIONAL DEVICE OPERATION
I2C BUS SPECIFICATION
MC34844A
charge of controlling LED dimming and enabling the device
every time the PWM is active. For this configuration the EN
pin should be LOW.
I2C BUS SPECIFICATION
The 34844A is a unidirectional device that can only be written by an external control unit. Since the device is a 7 bit address
device (1110110), the control unit needs to follow a specific data transfer format which is shown in Table 26.
Figure 26. A Complete Data Transfer
For a complete data transfer, please use this format in the
following order:
1. START condition
2. 34844A device address and Write instruction (R/W = 0)
3. First data pack, it corresponds to the 34844A register
that needs to be written. (refer to Table 13)
4. Second data pack, it corresponds to the value that
should be written to that register. (refer to Table 13)
5. STOP condition
I2C variables description:
• START: this condition occurs when SDA changes from
HIGH to LOW while SCK is HIGH.
• ACKNOWLEDGE: The acknowledge clock pulse is
generated by the Master (Control Unit).
• The transmitter releases the SDA line (HIGH) during the
acknowledge clock pulse.The receiver (34844A) must pull
down the SDA line during this acknowledge pulse to
indicate that the data was correctly written.
• Bits in the first byte: The first seven bits of the first bite
make up the slave address. The eighth bit is the LSB (least
significant bit), which determines the direction of the
message (Write = 0)
For the 34844A device, when an address is sent, each of
the devices in a system compares the first seven bits after
the START condition with its address. If they match, the
device considers itself addressed by the control unit as a
slave-receiver.
• STOP: this condition occurs when SDA changes from
LOW to HIGH while SCK is HIGH
For more information about “I2C BUS SPECIFICATION”
please refer to the following link:
http://www.nxp.com/acrobat_download/literature/
9398/39340011.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com