Electronic Components Datasheet Search
  English  ▼

X  

ACT512 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT512
Description  CCM and Quasi-Resonant Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT512 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT512_14 Datasheet HTML 1Page - Active-Semi, Inc ACT512_14 Datasheet HTML 2Page - Active-Semi, Inc ACT512_14 Datasheet HTML 3Page - Active-Semi, Inc ACT512_14 Datasheet HTML 4Page - Active-Semi, Inc ACT512_14 Datasheet HTML 5Page - Active-Semi, Inc ACT512_14 Datasheet HTML 6Page - Active-Semi, Inc ACT512_14 Datasheet HTML 7Page - Active-Semi, Inc ACT512_14 Datasheet HTML 8Page - Active-Semi, Inc ACT512_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ACT512
Rev 4, 13-Feb-14
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActiveQR
TM is a trademark of Active-Semi.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current Limit
CS Current Limit Threshold
VCSLIM
0.91
0.96
1.01
V
Leading Edge Blanking Time
TCSBLANK
240
300
360
ns
GATE DRIVE
Gate Rise Time
TRISE
VDD = 10V, CL = 1nF
150
250
ns
Gate Falling Time
TFALL
VDD = 10V, CL = 1nF
115
200
ns
Gate Low Level ON-Resistance
RONLO
ISINK = 30mA
7
Gate High Level ON-Resistance
RONHI
ISOURCE = 30mA
40
Gate Leakage Current
GATE = 25V, before VDD
turn-on
1
µA
Oscillator
Maximum Switching Frequency
fMAX
75
kHz
Switching Frequency Foldback
fMIN
FB = 2.3V+VBE
fMAX/3
kHz
Maximum Duty Cycle
DMAX
65
75
%
Valley Detection
ZCD Threshold Voltage
VDETTH
100
mV
Valley Detection Time Window
After valley detection time
window, if no valley de-
tected, forcedly turn-on
main switch
3.5
µs
VDET Leakage Current
1
µA
Protection
CS Short Waiting Time
2
µs
CS Short Detection Threshold
0.115
V
CS Open Threshold Voltage
1.73
V
Abnormal OCP Blanking Time
150
ns
Thermal Shutdown Temperature
135
˚C
Line UVLO
IVDETUVLO
0.1
mA
Line OVP
IVDETOVP
2
mA
VDET Over Voltage Protection
VDETVOOVP
2.448
2.72
2.992
V
VDET Vo Short Threshold
VDETVOshort
0.406
0.58
0.754
V
ELECTRICAL CHARACTERISTICS CONT’D
(VDD = 14V, LM = 0.8mH, RCS = 0.87Ω, VOUT = 12V, NP = 54, NS = 9, NA = 10, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com