Electronic Components Datasheet Search
  English  ▼

X  

ACT512 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT512
Description  CCM and Quasi-Resonant Operation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT512 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT512_14 Datasheet HTML 3Page - Active-Semi, Inc ACT512_14 Datasheet HTML 4Page - Active-Semi, Inc ACT512_14 Datasheet HTML 5Page - Active-Semi, Inc ACT512_14 Datasheet HTML 6Page - Active-Semi, Inc ACT512_14 Datasheet HTML 7Page - Active-Semi, Inc ACT512_14 Datasheet HTML 8Page - Active-Semi, Inc ACT512_14 Datasheet HTML 9Page - Active-Semi, Inc ACT512_14 Datasheet HTML 10Page - Active-Semi, Inc ACT512_14 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ACT512
Rev 4, 13-Feb-14
Innovative PowerTM
- 7 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActiveQR
TM is a trademark of Active-Semi.
Figure 3:
Valley Switching
Protection Features
The ACT512 provides full protection functions. The
following table summarizes all protection functions.
Auto-Restart Operation
ACT512 will enter into auto-restart mode when a
fault is identified. There is a startup phase in the
auto-restart mode. After this startup phase the
conditions are checked whether the failure is still
present. Normal operation proceeds once the
failure mode is removed. Otherwise, new startup
phase will be initiated again.
To reduce the power loss during fault mode, the
startup delay control is implemented. The startup
delay time increases over lines.
FUNCTIONAL DESCRIPTION CONT’D
PROTECTION
FUNCTIONS
FAILURE
CONDITION
PROTECTION
MODE
VDD Over Voltage
VDD > 25V
(4 duty cycle)
Auto Restart
VVDET Over Volt-
age/No Voltage
VVD > 2.72V or
No switching
for 4 cycles
Auto Restart
Over Temperature
T > 135˚C
Auto Restart
Short Winding/
Short Diode
VCS > 1.72V
Auto Restart
Over Load/Open
Loop
IPK = ILIMIT or
VFB = 3.5V + VBE
for 320ms
Auto Restart
Output Short
Circuit
VDET < 0.58V
Auto Restart
VDD Under Volt-
age
VDD < 7.4V
Auto Restart
Vdrain_gnd
t
DCvoltage
T
Ton
Possible Valley turn on
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com