Electronic Components Datasheet Search
  English  ▼

X  

ACT5880 Datasheet(PDF) 46 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 46 Page - Active-Semi, Inc

Back Button ACT5880_14 Datasheet HTML 42Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 43Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 44Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 45Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 46Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 47Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 48Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 49Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 50Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 46 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VVBAT = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operation Range
VVSYS
2.6
5.5
V
Operation Range
VCHGIN
4.2
6
UVLO Threshold Voltage
VVSYS Rising
2.4
2.5
2.6
UVLO Hysteresis
VVSYS Falling
0.2
SYSLEV Programming Range
VVSYS, for SYSLEV[3:0]=0000 to 1111,
and VVBAT>VUVLO
0.1
SYSLEV Hysteresis
VVSYS Rising
0.2
Voltage Reference
TA = -40°C to +85°C
1.2
Voltage Reference Accuracy
LOWIQ[ ] = 0
-0.5
0.5
%
LOWIQ[ ] = 1
-1.5
1.5
Reset Time-out
TRST[ ] = 0
260
ms
TRST[ ] = 1
65
Oscillator Frequency
1.8
2
2.2
MHz
IO Logic High Input
HFPWR,
PWRHLD,
nIRQ, nRSTO,
nPBSTAT
VVBAT=2.5V to 5.5V, TA = -40°C to 85°C.
1.4
V
IO Logic Low Input
0.4
IO Leakage Current
0-5.5V applied.
-1
1
μA
IO Output Low
Sinking 10mA.
0.3
V
Shutdown Current
All circuit blocks off
12
18
μA
No Load Current
Deep sleep: REG2 in linear mode, the
VBBAT and the VALIVE are on, the RTC is
disabled, VVSYS=4.0V.
48
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
Temperature falling
20
Note:
See the I2C INTERFACE ELECTRICAL CHARACTERISTICS for SCL and SDA specifications.
See the TYPICAL PERFORMANCE CHARACTERISTICS for:
The Reference Voltage Line Regulation.
The Reference Voltage Temperature Coefficient.
The Oscillator Frequency Line Voltage Pulling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com