Electronic Components Datasheet Search
  English  ▼

X  

ACT5880 Datasheet(PDF) 59 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 59 Page - Active-Semi, Inc

Back Button ACT5880_14 Datasheet HTML 55Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 56Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 57Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 58Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 59Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 60Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 61Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 62Page - Active-Semi, Inc ACT5880_14 Datasheet HTML 63Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 59 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
0
100
200
0
1000
2000
3000
4000
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
123456
0
1
2
3
4
5
012
34
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
23. The Charge Current vs. VVBAT, VCHGIN=6V
24. The Charge Current vs. Ambient Temperature, VCHGIN=6V
Ambient Temperature (°C)
CH1: VVBAT, AC coupled, 100mV/div
CH2: Load Current, 200mA/div
TIME: 200μs/div
25. Charger Load Transition Response, LDO Mode
26. Backup Battery Charge Current vs. VVSYS
CH1
27. The DC Sweep Histogram DNL
28. The DC Input Effective Numbers of Bits
VVBAT
CH2
0
40
ACIN/CHGLEV=1/1
ACIN/CHGLEV=0/1
ACIN/CHGLEV=0/0
1
0
ISET for 0.45A Max
ISET for 0.3A Max
ISET for 0.09A Max
ISET for 1.0A Max
ISET for 0.85A Max
80
VVSYS
CODE (Decimal)
CODE (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com